Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29441 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29441
Description  Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29441 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ29441 Datasheet HTML 4Page - Texas Instruments BQ29441 Datasheet HTML 5Page - Texas Instruments BQ29441 Datasheet HTML 6Page - Texas Instruments BQ29441 Datasheet HTML 7Page - Texas Instruments BQ29441 Datasheet HTML 8Page - Texas Instruments BQ29441 Datasheet HTML 9Page - Texas Instruments BQ29441 Datasheet HTML 10Page - Texas Instruments BQ29441 Datasheet HTML 11Page - Texas Instruments BQ29441 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
d _ CTM
CD
DELAY_CTM
t
C
X
=
´
bq29440, bq2944L0
bq29441, bq29442, bq29443, bq29449, bq2944L9
SLUSA15C – JUNE 2010 – REVISED NOVEMBER 2010
www.ti.com
CELL CONNECTION SEQUENCE
NOTE
Before connecting the cells, propagate the overvoltage delay timing capacitor, CCD.
The recommended cell connection sequence begins from the bottom of the stack, as follows:
1. GND
2. VC4
3. VC3
4. VC2
5. VC1
While not advised, connecting the cells in a sequence other than that described above does not result in errant
activity on the OUT pin. For example:
1. GND
2. VC4, VC3, VC2, or VC1
3. Remaining VCx pin
4. Remaining VCx pin
5. Remaining VCx pin
CUSTOMER TEST MODE
Customer Test Mode (CTM) helps to greatly reduce the overvoltage detection delay time and enable quicker
customer production testing. This mode is intended for quick-pass board-level verification tests, and, as such,
individual cell overvoltage levels may deviate slightly from the specifications (VPROTECT, VOA). If accurate
overvoltage thresholds are to be tested, use the standard delay settings that are intended for normal use.
To enter CTM, VDD should be set to approximately 9.5 V higher than VC1. When CTM is entered, the device
switches from the normal overvoltage delay time scale factor, xDELAY, to a significantly reduced factor, xDELAY_CTM,
thereby reducing the delay time during an overvoltage condition. The CTM overvoltage delay time is similar to
the equation presented in PROTECTION (OUT) TIMING AND DELAY TIME CAPACITOR SIZING with the
substitution of xDELAY_CTM in place of xDELAY:
CAUTION
Avoid exceeding any Absolute Maximum Voltages on any pins when placing the part
into Customer Test Mode. Also, avoid exceeding Absolute Maximum Voltages for the
individual cell voltages (VC1–VC2), (VC2–VC3), (VC3–VC4), and (VC4–GND).
Stressing the pins beyond the rated limits may cause permanent damage to the
device.
To exit CTM, power off the device and then power it back on.
For latched versions of the bq2944x, the external CCD capacitor must be externally discharged if any overvoltage
functionality is exercised during protection testing. This can be accomplished by shorting the CD pin to GND. If
the CCD capacitor is not explicitly discharged, a residual charge may cause the overvoltage delay time to be
inaccurate.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq29440 bq2944L0 bq29441 bq29442 bq29443 bq29449 bq2944L9


Similar Part No. - BQ29441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29441 TI1-BQ29441 Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ29441DRBR TI1-BQ29441DRBR Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ29441DRBT TI1-BQ29441DRBT Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
More results

Similar Description - BQ29441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com