Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS4160V-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DSS4160V-7
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS4160V-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DSS4160V-7 Datasheet HTML 1Page - Diodes Incorporated DSS4160V-7 Datasheet HTML 2Page - Diodes Incorporated DSS4160V-7 Datasheet HTML 3Page - Diodes Incorporated DSS4160V-7 Datasheet HTML 4Page - Diodes Incorporated DSS4160V-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSS4160V
Document number: DS31671 Rev. 2 - 2
2 of 5
www.diodes.com
March 2009
© Diodes Incorporated
DSS4160V
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
80
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 4)
V(BR)CEO
60
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
V
IE = 100μA, IC = 0
Collector Cutoff Current
ICBO
100
50
nA
μA
VCB = 60V, IE = 0
VCB = 60V, IE = 0, TA = 150°C
Collector Cutoff Current
ICES
100
nA
VCE = 60V, VBE = 0
Emitter Cutoff Current
IEBO
100
nA
VEB = 5V, IC = 0
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
250
200
100
VCE = 5V, IC = 1mA
VCE = 5V, IC = 500mA
VCE = 5V, IC = 1A
Collector-Emitter Saturation Voltage
VCE(SAT)
110
140
250
mV
IC = 100mA, IB = 1mA
IC = 500mA, IB = 50mA
IC = 1A, IB = 100mA
Collector-Emitter Saturation Resistance
RCE(SAT)
250
m
IC = 1A, IB = 100mA
Base-Emitter Saturation Voltage
VBE(SAT)
1.1
V
IC = 1A, IB = 50mA
Base-Emitter Turn On Voltage
VBE(ON)
0.9
V
VCE = 5V, IC = 1A
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
10
pF
VCB = 10V, f = 1.0MHz
Current Gain-Bandwidth Product
fT
150
MHz
VCE = 10V, IC = 50mA, f = 100MHz
SWITCHING CHARACTERISTICS
Turn-On Time
ton
68
ns
VCC = 10V
IC = 0.5A, IB1 = IB2 = 25mA
Delay Time
td
31
ns
Rise Time
tr
37
ns
Turn-Off Time
toff
430
ns
Storage Time
ts
383
ns
Fall Time
tf
47
ns
Notes:
4. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
0
200
400
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs.
Ambient Temperature (Note 3)
A
600
0
R
= 208°C/W
θJA
300
500
100
0.1
1
10
100
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage (Note 3)
0.001
0.1
1
10
0.01
Pw = 100ms
Pw = 10ms
Pw = 1ms
DC


Similar Part No. - DSS4160V-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS4160V DIODES-DSS4160V_15 Datasheet
120Kb / 5P
   DSS4160V
More results

Similar Description - DSS4160V-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DJT4031N DIODES-DJT4031N_15 Datasheet
114Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4160U DIODES-DSS4160U_15 Datasheet
173Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2678 DIODES-2DD2678_15 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4540X DIODES-DSS4540X_15 Datasheet
114Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4140U DIODES-DSS4140U Datasheet
118Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS20201L DIODES-DSS20201L Datasheet
126Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2661 DIODES-2DD2661 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2678 DIODES-2DD2678 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2098R DIODES-2DD2098R_15 Datasheet
182Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2656 DIODES-2DD2656 Datasheet
97Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com