Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKL-T1-W12N-C Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # OKL-T1-W12N-C
Description  Programmable Output 1-Amp iLGA SMT PoLs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKL-T1-W12N-C Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

Back Button OKL-T1-W12N-C Datasheet HTML 4Page - Murata Power Solutions Inc. OKL-T1-W12N-C Datasheet HTML 5Page - Murata Power Solutions Inc. OKL-T1-W12N-C Datasheet HTML 6Page - Murata Power Solutions Inc. OKL-T1-W12N-C Datasheet HTML 7Page - Murata Power Solutions Inc. OKL-T1-W12N-C Datasheet HTML 8Page - Murata Power Solutions Inc. OKL-T1-W12N-C Datasheet HTML 9Page - Murata Power Solutions Inc. OKL-T1-W12N-C Datasheet HTML 10Page - Murata Power Solutions Inc. OKL-T1-W12N-C Datasheet HTML 11Page - Murata Power Solutions Inc. OKL-T1-W12N-C Datasheet HTML 12Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Output Current Limiting
Current limiting inception is defined as the point at which full power falls
below the rated tolerance. See the Performance/Functional Specifica-
tions. Note particularly that the output current may briefly rise above its
rated value in normal operation as long as the average output power is
not exceeded. This enhances reliability and continued operation of your
application. If the output current is too high, the converter will enter the
short circuit condition.
Output Short Circuit Condition
When a converter is in current-limit mode, the output voltage will drop
as the output current demand increases. If the output voltage drops too
low (approximately 98% of nominal output voltage for most models), the
magnetically coupled voltage used to develop primary side voltages will
also drop, thereby shutting down the PWM controller. Following a time-out
period, the PWM will restart, causing the output voltage to begin ramping
up to its appropriate value. If the short-circuit condition persists, another
shutdown cycle will initiate. This rapid on/off cycling is called “hiccup
mode”. The hiccup cycling reduces the average output current, thereby
preventing excessive internal temperatures and/or component damage. A
short circuit can be tolerated indefinitely.
The “hiccup” system differs from older latching short circuit systems
because you do not have to power down the converter to make it restart.
The system will automatically restore operation as soon as the short circuit
condition is removed.
Remote On/Off Control
The remote On/Off Control can be ordered with either polarity. Please refer
to the Connection Diagram on page 1 for On/Off connections.
Positive polarity models are enabled when the On/Off pin is left open or
is pulled high to +Vin with respect to –Vin. An internal bias current causes
the open pin to rise to +Vin. Positive-polarity devices are disabled when the
On/Off is grounded or brought to within a low voltage (see Specifications)
with respect to –Vin.
Negative polarity devices are on (enabled) when the On/Off is open or
brought to within a low voltage (see Specifications) with respect to –Vin.
The device is off (disabled) when the On/Off is pulled high with respect to
–Vin (see specifications).
Dynamic control of the On/Off function should be able to sink appropriate
signal current when brought low and withstand appropriate voltage when
brought high. Be aware too that there is a finite time in milliseconds (see
Specifications) between the time of On/Off Control activation and stable,
regulated output. This time will vary slightly with output load type and cur-
rent and input conditions.
Output Capacitive Load
These converters do not require external capacitance added to achieve
rated specifications. Users should only consider adding capacitance to
reduce switching noise and/or to handle spike current load steps. Install
only enough capacitance to achieve noise objectives. Excess external
capacitance may cause regulation problems, degraded transient response
and possible oscillation or instability.
Soldering Guidelines
Murata Power Solutions recommends the specifications below when installing these
converters. These specifications vary depending on the solder type. Exceeding these
specifications may cause damage to the product. Your production environment
may differ therefore please thoroughly review these guidelines with your process
engineers.
Recommended Lead-free Solder Reflow Profile
High trace = normal upper limit
Low trace - normal lower limit
0
50
100
150
200
250
0
30
60
90
120
150
180
210
240
270
300
Time (sec)
Preheating Zone
240 sec max
Soaking Zone
120 sec max
Reflow Zone
time above 217° C
45-75 sec
Peak Temp.
235-260° C
<1.5° C/sec
Reflow Solder Operations for surface-mount products (SMT)
For Sn/Ag/Cu based solders:
Preheat Temperature
Less than 1 ºC. per second
Time over Liquidus
45 to 75 seconds
Maximum Peak Temperature
260 ºC.
Cooling Rate
Less than 3 ºC. per second
For Sn/Pb based solders:
Preheat Temperature
Less than 1 ºC. per second
Time over Liquidus
60 to 75 seconds
Maximum Peak Temperature
235 ºC.
Cooling Rate
Less than 3 ºC. per second
OKL-T/1-W12 Series
Programmable Output 1-Amp iLGA SMT PoLs
www.murata-ps.com
email: sales@murata-ps.com
09 Feb 2011
MDC_OKL-T/1-W12 Series.A01 Page 8 of 16


Similar Part No. - OKL-T1-W12N-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OKL-T1-W12 MURATA-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
More results

Similar Description - OKL-T1-W12N-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OKL-T1-W12 MURATA-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T MURATA-PS-OKL-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL-T3-W12 MURATA-PS-OKL-T3-W12 Datasheet
175Kb / 4P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL2-T MURATA-PS-OKL2-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-3-W5 MURATA-OKL-T-3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T3-W12 MURATA-PS-OKL-T3-W12_10 Datasheet
978Kb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-6-W5 MURATA-OKL-T-6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T6-W5 MURATA-PS-OKL-T6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
OKL-T6-W12 MURATA-PS-OKL-T6-W12 Datasheet
1Mb / 15P
   Programmable Output 6-Amp ILGA SMT PoLs
OKL-T3-W5 MURATA-PS-OKL-T3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com