Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTU1S1212MC Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # MTU1S1212MC
Description  Isolated 1W Single Output SM DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MTU1S1212MC Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  MTU1S1212MC Datasheet HTML 1Page - Murata Power Solutions Inc. MTU1S1212MC Datasheet HTML 2Page - Murata Power Solutions Inc. MTU1S1212MC Datasheet HTML 3Page - Murata Power Solutions Inc. MTU1S1212MC Datasheet HTML 4Page - Murata Power Solutions Inc. MTU1S1212MC Datasheet HTML 5Page - Murata Power Solutions Inc. MTU1S1212MC Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Technical enquiries email: mk@murata-ps.com, tel: +44 (0)1908 615232
MTU1 Series
Isolated 1W Single Output SM DC/DC Converters
2011-02-01
KDC_MTU.A03 Page 5 of 6
www.murata-ps.com
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS -
Patent Pending
PIN CONNECTIONS
Pin
Function
1+VIN
3-VIN
4+VOUT
5OV
6NC
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
All dimensions in mm ±0.25mm (inches ±0.01). All pins on a 2.54 (0.1) pitch and within 0.25 (0.01) of true position.
Weight: 0.75g
Unless otherwise stated all dimensions in mm±0.25mm (inches).
Tube length: 520mm ±2.00
Tube Quantity: 60
6
5
3
S
1.80±0.2 (0.071)
x5 PINS
0.25±0.1
(0.01)
c 0.10 (0.004) S
8.40±0.45 (0.331±0.018)
0.35 (0.014)
(Typ.)
2.54 (0.100)
8.20 (0.323)
5.08 (0.200)
0.60±0.1
(0.024)
1.56 (0.061)
4
1
8.50 +0.00
-0.20 ( 0.335
+0.000
-0.008 )
1.80±0.2 (0.071)
SEATING
PLANE
12.25 (0.482) MAX
12.25 (0.482) MAX
0.75±0.15 (0.030±0.006)
6.50 (0.256)
2.54 (0.100)
2.54 (0.100)
2.60 (0.102)
1.00 (0.039)


Similar Part No. - MTU1S1212MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MTU1S1212MC MURATA-MTU1S1212MC Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1S1212MC MURATA-PS-MTU1S1212MC Datasheet
261Kb / 7P
   Isolated 1W Single & Dual Output SM DC/DC Converters
More results

Similar Description - MTU1S1212MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE MURATA-NTE Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
MTU1 MURATA-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
C&D Technologies
NTE CANDD-NTE Datasheet
373Kb / 2P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NXJ1 MURATA-NXJ1 Datasheet
343Kb / 10P
   Isolated 1W Single Output SM DC/DC Converters
MTE1S0303MC MURATA-MTE1S0303MC Datasheet
200Kb / 7P
   Isolated 1W Single Output SM DC/DC Converters
NTE0305MC-R MURATA-NTE0305MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
NXE1 MURATA-PS-NXE1 Datasheet
1Mb / 8P
   Isolated 1W Single Output SM DC/DC Converters
MTU1S0305MC MURATA-PS-MTU1S0305MC Datasheet
261Kb / 7P
   Isolated 1W Single & Dual Output SM DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com