Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2DA1797-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2DA1797-13
Description  PNP SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1797-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  2DA1797-13 Datasheet HTML 1Page - Diodes Incorporated 2DA1797-13 Datasheet HTML 2Page - Diodes Incorporated 2DA1797-13 Datasheet HTML 3Page - Diodes Incorporated 2DA1797-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2DA1797
Document number: DS31619 Rev. 2 - 2
2 of 4
www.diodes.com
December 2008
© Diodes Incorporated
2DA1797
0
0.4
0.8
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs.
Ambient Temperature
A
1.2
1.6
2.0
0
0.1
1
10
100
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage (Note 3)
0.001
0.01
0.1
1
10
DC
Pw = 100ms
Pw = 10ms
0
0.2
0.4
0.6
0.8
1.0
0
4
8
12
16
20
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 3 Typical Collector Current
vs. Collector-Emitter Voltage
I = -1mA
B
I = -2mA
B
I = -3mA
B
I = -4mA
B
I = -5mA
B
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 4 Typical DC Current Gain vs. Collector Current
10
100
1,000
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -4V
CE
0.001
0.01
0.1
1
10
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
I/I = 10
CB
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -4V
CE


Similar Part No. - 2DA1797-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1797-13 DIODES-2DA1797-13 Datasheet
268Kb / 7P
   50V PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - 2DA1797-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DXT2907A DIODES-DXT2907A_15 Datasheet
191Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DXT5401 DIODES-DXT5401_15 Datasheet
126Kb / 5P
   PNP SURFACE MOUNT TRANSISTOR
logo
Leshan Radio Company
L2SD882Q LRC-L2SD882Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DZT953 DIODES-DZT953 Datasheet
203Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 5 - 2
DZTA92 DIODES-DZTA92 Datasheet
251Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCP51 DIODES-DCP51 Datasheet
189Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com