Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2DA1797-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DA1797-13
Description  PNP SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1797-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  2DA1797-13 Datasheet HTML 1Page - Diodes Incorporated 2DA1797-13 Datasheet HTML 2Page - Diodes Incorporated 2DA1797-13 Datasheet HTML 3Page - Diodes Incorporated 2DA1797-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2DA1797
Document number: DS31619 Rev. 2 - 2
1 of 4
www.diodes.com
December 2008
© Diodes Incorporated
2DA1797
PNP SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Ideally Suited for Automated Assembly Processes
Ideal for Medium Power Switching or Amplification Applications
Complementary NPN Type Available (2DC4672)
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: SOT89-3L
Case Material: Molded Plastic, "Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Finish — Matte Tin annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Marking Information: See Page 4
Ordering Information: See Page 4
Weight: 0.072 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Peak Pulse Current
ICM
-6
A
Continuous Collector Current
IC
-3
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3) @ TA = 25°C
PD
0.9
W
Thermal Resistance, Junction to Ambient Air (Note 3) @ TA = 25°C
RθJA
139
°C/W
Power Dissipation (Note 4) @ TA = 25°C
PD
2
W
Thermal Resistance, Junction to Ambient Air (Note 4) @ TA = 25°C
RθJA
62.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
-50
V
IC = -50μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 5)
V(BR)CEO
-50
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
V
IE = -50μA, IC = 0
Collector Cut-Off Current
ICBO
-0.1
μA
VCB = -50V, IE = 0
Emitter Cut-Off Current
IEBO
-0.1
μA
VEB = -5V, IC = 0
ON CHARACTERISTICS (Note 5)
Collector-Emitter Saturation Voltage
VCE(SAT)
-100
-350
mV
IC = -1A, IB = -50mA
DC Current Gain
hFE
82
270
VCE = -2V, IC = -500mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
27
pF
VCB = -10V, IE = 0,
f = 1MHz
Current Gain-Bandwidth Product
fT
160
MHz
VCE = -2V, IC = -100mA,
f = 100MHz
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB with minimum recommended pad layout.
4. Device mounted on FR-4 PCB with 1 inch
2 copper pad layout.
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
Top View
Device Schematic
Pin Out Configuration
3
1
2,4
COLLECTOR
EMITTER
BASE
4
3
2
1
C
C
B
E
TOP VIEW
Please click here to visit our online spice models database.


Similar Part No. - 2DA1797-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1797-13 DIODES-2DA1797-13 Datasheet
268Kb / 7P
   50V PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - 2DA1797-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DXT2907A DIODES-DXT2907A_15 Datasheet
191Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DXT5401 DIODES-DXT5401_15 Datasheet
126Kb / 5P
   PNP SURFACE MOUNT TRANSISTOR
logo
Leshan Radio Company
L2SD882Q LRC-L2SD882Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DZT953 DIODES-DZT953 Datasheet
203Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 5 - 2
DZTA92 DIODES-DZTA92 Datasheet
251Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCP51 DIODES-DCP51 Datasheet
189Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com