Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2DB1714 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 2DB1714
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1714 Datasheet(HTML) 4 Page - Diodes Incorporated

  2DB1714 Datasheet HTML 1Page - Diodes Incorporated 2DB1714 Datasheet HTML 2Page - Diodes Incorporated 2DB1714 Datasheet HTML 3Page - Diodes Incorporated 2DB1714 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2DB1714
Document number: DS31610 Rev. 2 - 2
4 of 4
www.diodes.com
December 2008
© Diodes Incorporated
2DB1714
Ordering Information (Note 6)
Part Number
Case
Packaging
2DB1714-13
SOT89-3L
2500/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
SOT89-3L
Dim
Min
Max
Typ
A
1.40
1.60
1.50
B
0.45
0.55
0.50
B1
0.37
0.47
0.42
C
0.35
0.43
0.38
D
4.40
4.60
4.50
D1
1.50
1.70
1.60
E
2.40
2.60
2.50
e
1.50
H
3.95
4.25
4.10
L
0.90
1.20
1.05
All Dimensions in mm
Dimensions Value (in mm)
X1
1.7
X2
0.9
X3
0.4
Y1
2.7
Y2
1.3
Y3
1.9
C
3.0
1714 = Product Type Marking Code
YWW = Date Code Marking
Y = Last digit of year (ex: 8 = 2008)
WW = Week code 01 - 52
e
D
H
L
A
C
E
8° (4
X)
B1
B
D1
R
0.
20
0
Y1
X3
X2
X1
Y3
Y2
C
1714
YWW


Similar Part No. - 2DB1714

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1714 DIODES-2DB1714_15 Datasheet
118Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - 2DB1714

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPLS160 DIODES-DPLS160_15 Datasheet
171Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DXT751 DIODES-DXT751_15 Datasheet
170Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5140V DIODES-DSS5140V_15 Datasheet
122Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
2DB1689 DIODES-2DB1689_15 Datasheet
95Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DPLS325E DIODES-DPLS325E Datasheet
162Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DJT4030P-13 DIODES-DJT4030P-13 Datasheet
112Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DPLS315E DIODES-DPLS315E Datasheet
164Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
2DB1713 DIODES-2DB1713_15 Datasheet
98Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com