Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURF3040PT Datasheet(PDF) 2 Page - Diotech Company.

Part # MURF3040PT
Description  SUPER FAST RECOVERY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MURF3040PT Datasheet(HTML) 2 Page - Diotech Company.

  MURF3040PT Datasheet HTML 1Page - Diotech Company. MURF3040PT Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MURF3005PT THRU MURF3060PT
RATINGS AND CHARACTERISTIC CURVES
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time= 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time= 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0
300
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
100
200
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
3060PT
0
6
12
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
18
24
30
0.1
1.0
10
100
0
0.
5
1.
0
1.
5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
3005 - 3020
3030 - 3040
3040 - 3060
3005PT -
3040PT


Similar Part No. - MURF3040PT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MURF3040PT THINKISEMI-MURF3040PT Datasheet
691Kb / 2P
   30.0 Ampere Insulated Dual Doubler Ultra Fast Recovery Rectifier Diodes
MURF3040PTA THINKISEMI-MURF3040PTA Datasheet
691Kb / 2P
   30.0 Ampere Insulated Dual Doubler Ultra Fast Recovery Rectifier Diodes
MURF3040PTD THINKISEMI-MURF3040PTD Datasheet
691Kb / 2P
   30.0 Ampere Insulated Dual Doubler Ultra Fast Recovery Rectifier Diodes
More results

Similar Description - MURF3040PT

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF51 DIOTECH-SF51 Datasheet
659Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
MUR440 DIOTECH-MUR440 Datasheet
905Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
SF22 DIOTECH-SF22 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
MURF805 DIOTECH-MURF805 Datasheet
718Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
SF32 DIOTECH-SF32 Datasheet
678Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SF51-DO27 YFWDIODE-SF51-DO27 Datasheet
356Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Diotech Company.
MURF2005CT DIOTECH-MURF2005CT Datasheet
1Mb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Kersemi Electronic Co.,...
MURF1005 KERSEMI-MURF1005 Datasheet
1Mb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Diotech Company.
SF21 DIOTECH-SF21 Datasheet
663Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
MURF1005 DIOTECH-MURF1005 Datasheet
656Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
MURF2005 DIOTECH-MURF2005 Datasheet
1,004Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com