Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP0150ADJ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DP0150ADJ
Description  DUAL PNP SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DP0150ADJ Datasheet(HTML) 3 Page - Diodes Incorporated

  DP0150ADJ Datasheet HTML 1Page - Diodes Incorporated DP0150ADJ Datasheet HTML 2Page - Diodes Incorporated DP0150ADJ Datasheet HTML 3Page - Diodes Incorporated DP0150ADJ Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DP0150ADJ / DP0150BDJ
Document number: DS31485 Rev. 3 - 2
3 of 4
www.diodes.com
April 2009
© Diodes Incorporated
DP0150ADJ / DP0150BDJ
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
0
1
10
100
Cibo
C
obo
f = 1MHz
0
50
100
150
200
250
02
4
6
8
10
-I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product
vs. Collector Current
V
= -6V
f = 30MHz
CE
Ordering Information (Note 5)
Device
Packaging
Shipping
DP0150ADJ-7
SOT-963
10,000/Tape & Reel
DP0150BDJ-7
SOT-963
10,000/Tape & Reel
Notes:
5.
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
SOT-963
Dim
Min
Max
Typ
A
0.40
0.50
0.45
A1
0
0.05
-
c
0.077
0.177 0.127
D
0.95
1.05
1.00
E
0.95
1.05
1.00
E1
0.75
0.85
0.80
L
0.05
0.15
0.10
b
0.10
0.20
0.15
e
0.35 Typ
e1
0.70 Typ
All Dimensions in mm
xx= Product Type Marking Code:
T5 = DP0150ADJ
T6 = DP0150BDJ
L
c
E
D
e1
e
E1
b (5 places)
A
A1
xx


Similar Part No. - DP0150ADJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DP0150ADJ DIODES-DP0150ADJ_15 Datasheet
89Kb / 4P
   DUAL PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DP0150ADJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DP0150ADJ DIODES-DP0150ADJ_15 Datasheet
89Kb / 4P
   DUAL PNP SURFACE MOUNT TRANSISTOR
logo
TT Electronics.
2N5796U TTELEC-2N5796U Datasheet
454Kb / 3P
   Surface Mount Dual PNP Transistor
logo
Central Semiconductor C...
CMLT2907A CENTRAL-CMLT2907A_15 Datasheet
509Kb / 3P
   SURFACE MOUNT SILICON DUAL PNP TRANSISTOR
CMXT2907A CENTRAL-CMXT2907A Datasheet
98Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTOR
logo
Diodes Incorporated
DST3906DJ DIODES-DST3906DJ_15 Datasheet
134Kb / 6P
   DUAL 40V PNP SURFACE MOUNT TRANSISTOR
DST3906DJ DIODES-DST3906DJ Datasheet
134Kb / 6P
   DUAL 40V PNP SURFACE MOUNT TRANSISTOR
DS32039 Rev. 2 - 2
logo
Central Semiconductor C...
CMXT3906 CENTRAL-CMXT3906 Datasheet
98Kb / 2P
   SURFACE MOUNT DUAL PNP SILIOCON TRANSISTOR
logo
Diodes Incorporated
BC587BS DIODES-BC587BS Datasheet
59Kb / 3P
   DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30373 Rev. 1 - 2
MMDT3906 DIODES-MMDT3906 Datasheet
59Kb / 3P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30124 Rev. 5 - 2
MMDT4126 DIODES-MMDT4126 Datasheet
41Kb / 2P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30160 Rev. D-1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com