Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3098L Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP3098L
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3098L Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP3098L Datasheet HTML 1Page - Diodes Incorporated DMP3098L Datasheet HTML 2Page - Diodes Incorporated DMP3098L Datasheet HTML 3Page - Diodes Incorporated DMP3098L Datasheet HTML 4Page - Diodes Incorporated DMP3098L Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DMP3098L
Document number: DS31447 Rev. 5 - 2
1 of 5
www.diodes.com
June 2010
© Diodes Incorporated
DMP3098L
P-CHANNEL ENHANCEMENT MODE MOSFET
Features
Low On-Resistance:
70m
Ω @ VGS = -10V, ID = -3.8A
120m
Ω @ VGS = -4.5V, ID = -3.0A
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Lead Free By Design/RoHS Compliant (Note 2)
"Green" Device (Note 4)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
⎯ Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Marking Information: See Page 4
Ordering Information: See Page 4
Weight: 0.008 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Note 1) VGS = -10V
Steady
State
TA = 25°C
TA = 70°C
ID
-3.8
-2.9
A
Pulsed Drain Current (Note 3)
IDM
-11
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 1)
PD
1.08
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 1)
RθJA
115
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1.
Device mounted on FR-4 PCB on 2 oz., 0.5 in.
2 copper pads and t
≤5 sec.
2.
No purposefully added lead.
3.
Pulse width
≤10μS, Duty Cycle ≤1%.
4.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
SOT-23
TOP VIEW
Source
EQUIVALENT CIRCUIT
Gate
Drain
D
G
S
TOP VIEW


Similar Part No. - DMP3098L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
DMP3098L ZPSEMI-DMP3098L Datasheet
214Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098L-7 ZPSEMI-DMP3098L-7 Datasheet
214Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3098LDM DIODES-DMP3098LDM Datasheet
235Kb / 4P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LDM-7 DIODES-DMP3098LDM-7 Datasheet
235Kb / 4P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3098L

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com