Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1669M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1669M
Description  2-Phase Unipolar Brushless Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1669M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1669M Datasheet HTML 1Page - Sanyo Semicon Device LB1669M Datasheet HTML 2Page - Sanyo Semicon Device LB1669M Datasheet HTML 3Page - Sanyo Semicon Device LB1669M Datasheet HTML 4Page - Sanyo Semicon Device LB1669M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pin Assignments
Equivalent Circuit Block Diagram and Sample Application Circuit 1
Sample Application Circuit 2
Top view
Top view
Fixed
current
circuit
Note * 1: If radio noise is a problem, 0.01 to 0.1µF
* 2: Use a low-leak capacitor.
Unit (capacitance: F)
Thermal
shutdown
VIN
0.47 to 10 µ
1to10µ
* C2 and C3 are ceramic
capacitors
If the output oscillates,
insert resistance in series
with the capacitor.
*
LB1669, 1669M
No.3513-3/5


Similar Part No. - LB1669M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1660 SANYO-LB1660 Datasheet
271Kb / 9P
   2-Phase Unipolar Brushless Motor Drivers
LB1660N SANYO-LB1660N Datasheet
271Kb / 9P
   2-Phase Unipolar Brushless Motor Drivers
LB1661 SANYO-LB1661 Datasheet
271Kb / 9P
   2-Phase Unipolar Brushless Motor Drivers
LB1662D SANYO-LB1662D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
LB1662M SANYO-LB1662M Datasheet
72Kb / 6P
   DC Fan Motor Drivers
More results

Similar Description - LB1669M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
   2-Phase Unipolar Brushless Motor Drivers
logo
ON Semiconductor
LB1668 ONSEMI-LB1668 Datasheet
90Kb / 8P
   2-Phase Unipolar Brushless Motor Drivers
May, 2013
logo
Sanyo Semicon Device
LB1660N SANYO-LB1660N Datasheet
271Kb / 9P
   2-Phase Unipolar Brushless Motor Drivers
logo
ON Semiconductor
LB1668M ONSEMI-LB1668M Datasheet
254Kb / 10P
   2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
logo
Unisonic Technologies
UM2640 UTC-UM2640 Datasheet
202Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
New Japan Radio
NJM2640 NJRC-NJM2640 Datasheet
65Kb / 7P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com