Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3020LSS-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3020LSS-13
Description  SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3020LSS-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3020LSS-13 Datasheet HTML 1Page - Diodes Incorporated DMP3020LSS-13 Datasheet HTML 2Page - Diodes Incorporated DMP3020LSS-13 Datasheet HTML 3Page - Diodes Incorporated DMP3020LSS-13 Datasheet HTML 4Page - Diodes Incorporated DMP3020LSS-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMP3020LSS
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-1
μA
VDS = -30V, VGS = 0V
±100
VGS = ±20V, VDS = 0V
Gate-Source Leakage
IGSS
±800
nA
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-1
-2
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
11.6
18.6
14
25
m
Ω
VGS = -10V, ID = -8A
VGS = -4.5V, ID = -5A
Forward Transconductance
gfs
12
S
VDS = -10V, ID = -12A
Diode Forward Voltage (Note 5)
VSD
-0.5
-1.1
V
VGS = 0V, IS = -2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
1802
pF
Output Capacitance
Coss
415
pF
Reverse Transfer Capacitance
Crss
295
pF
VDS = -15V, VGS = 0V, f = 1.0MHz
Gate Resistance
RG
2.3
Ω
VGS = 0V, VDS = 0V, f = MHz
SWITCHING CHARACTERISTICS
Total Gate Charge
Qg
15.3
30.7
VDS = -15V, VGS = -4.5V, ID = -8A
VDS = -15V, VGS = -10V, ID = -8A
Gate-Source Charge
Qgs
3.5
VDS = -15V, VGS = -10V, ID = -8A
Gate-Drain Charge
Qgd
7.9
nC
VDS = -15V, VGS = -10V, ID = -8A
Turn-On Delay Time
td(on)
5.1
Rise Time
tr
8
Turn-Off Delay Time
td(off)
46
Fall Time
tf
30
ns
VGS = -10V, VDS = -15V,
RD = 15Ω, RG = 6Ω
Notes:
5. Short duration pulse test used to minimize self-heating effect.
Fig. 1 Typical Output Characteristic
0
4
8
12
16
20
01
2
3
4
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
5
V
= -1.5V
GS
V
= -2.0V
GS
V
= -2.5V
GS
V
= -3.0V
GS
V
= -4.0V
GS
V
= -10V
GS
Fig. 2 Typical Transfer Characteristic
0
4
8
12
16
20
1
1.5
2
2.5
3
3.5
-V
, GATE-SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
DMP3020LSS
Document number: DS31263 Rev. 8 - 2
2 of 5
www.diodes.com
October 2008
© Diodes Incorporated


Similar Part No. - DMP3020LSS-13

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
DMP3020LSS-13 VBSEMI-DMP3020LSS-13 Datasheet
998Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - DMP3020LSS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3015LSS DIODES-DMP3015LSS_15 Datasheet
264Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3020LSS DIODES-DMP3020LSS_15 Datasheet
251Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2022LSS DIODES-DMP2022LSS Datasheet
126Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3035LSS DIODES-DMP3035LSS Datasheet
175Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2066LSS DIODES-DMP2066LSS Datasheet
161Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG110P04LQ1C2 HUAYI-HYG110P04LQ1C2 Datasheet
837Kb / 10P
   Single P-Channel Enhancement Mode MOSFET
HY15P03C2 HUAYI-HY15P03C2 Datasheet
2Mb / 9P
   Single P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3035LSS DIODES-DMP3035LSS_17 Datasheet
647Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG065P03LQ1C2 HUAYI-HYG065P03LQ1C2 Datasheet
1Mb / 9P
   Single P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3015LSSQ DIODES-DMP3015LSSQ Datasheet
447Kb / 7P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2022LSS DIODES-DMP2022LSS_17 Datasheet
474Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com