Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZL6V8AXV3 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DZL6V8AXV3
Description  DUAL SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZL6V8AXV3 Datasheet(HTML) 3 Page - Diodes Incorporated

  DZL6V8AXV3 Datasheet HTML 1Page - Diodes Incorporated DZL6V8AXV3 Datasheet HTML 2Page - Diodes Incorporated DZL6V8AXV3 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DZL6V8AXV3
Document number: DS31220 Rev. 6 - 2
3 of 3
www.diodes.com
June 2008
© Diodes Incorporated
DZL6V8AXV3
Package Outline Dimensions
Suggested Pad Layout
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
A
M
J
L
D
B C
H
K
G
TOP VIEW
N
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
α
All Dimensions in mm
X
E
Y
C
Z
Dimensions
Value (in mm)
Z
1.8
X
0.4
Y
0.51
C
1.3
E
0.7


Similar Part No. - DZL6V8AXV3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZL6V8AXV3 DIODES-DZL6V8AXV3_15 Datasheet
109Kb / 3P
   DUAL SURFACE MOUNT ZENER DIODE
More results

Similar Description - DZL6V8AXV3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GZ23C5V6 DIODES-GZ23C5V6_15 Datasheet
207Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODE
GZ23C5V6 DIODES-GZ23C5V6 Datasheet
292Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODE
Rev. 6 - 4 March 2021
logo
Taiwan Semiconductor Co...
AZ23C2V7 TSC-AZ23C2V7 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
DZ23C2V7 TSC-DZ23C2V7 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
logo
Diodes Incorporated
DZL6V8AXV3 DIODES-DZL6V8AXV3_15 Datasheet
109Kb / 3P
   DUAL SURFACE MOUNT ZENER DIODE
AZ23C5V6W DIODES-AZ23C5V6W_15 Datasheet
121Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_15 Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_1 Datasheet
376Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com