Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3200U-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3200U-7
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3200U-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3200U-7 Datasheet HTML 1Page - Diodes Incorporated DMN3200U-7 Datasheet HTML 2Page - Diodes Incorporated DMN3200U-7 Datasheet HTML 3Page - Diodes Incorporated DMN3200U-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMN3200U
Fig. 7 Reverse Drain Current vs. Source-Drain Voltage
0.0001
0.001
0.01
0.1
1
10
V
, SOURCE-DRAIN VOLTAGE (V)
SD
DMN3200U
Document number: DS31188 Rev. 4 - 2
3 of 4
www.diodes.com
June 2008
© Diodes Incorporated
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
0.2
0.4
0.6
0.8
1.0
1.2
Ordering Information (Note 6)
Part Number
Case
Packaging
DMN3200U-7
SOT-23
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
32N
32N = Marking Code
YM = Date Code Marking
Y = Year ex: U = 2007
M = Month ex: 9 = September
Date Code Key
Year
2007
2008
2009
2010
2011
2012
Code
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
A
M
J
L
D
F
B C
H
K
G
TOP VIEW
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
F
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
All Dimensions in mm


Similar Part No. - DMN3200U-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3200U-7 DIODES-DMN3200U-7 Datasheet
285Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMN3200U-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com