Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXT651 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DXT651
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT651 Datasheet(HTML) 3 Page - Diodes Incorporated

  DXT651 Datasheet HTML 1Page - Diodes Incorporated DXT651 Datasheet HTML 2Page - Diodes Incorporated DXT651 Datasheet HTML 3Page - Diodes Incorporated DXT651 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
50
100
150
200
250
300
350
0.001
0.01
0.1
1
10
I , COLLECTOR CURRENT (A)
C
Fig. 3 Typical DC Current Gain
vs. Collector Current
T
= -55°C
A
T
= 25°C
A
T
= 85°C
A
T
= 150°C
A
V
= 2V
CE
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.0001
0.001
0.01
0.1
1
10
I , COLLECTOR CURRENT (A)
C
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T
= -55°C
A
T
= 25°C
A
T
= 85°C
A
T
= 150°C
A
I/I = 10
CB
0.0001
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
I , COLLECTOR CURRENT (A)
C
Fig. 5 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
T
= -55°C
A
T
= 25°C
A
T
= 85°C
A
T
= 150°C
A
V
= 2V
CE
0.0001
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
I , COLLECTOR CURRENT (A)
C
Fig. 6 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T
= -55°C
A
T
= 25°C
A
T
= 85°C
A
T
= 150°C
A
I/I = 10
CB
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Output Capacitance Characteristics
f = 1MHz
0
50
100
150
200
250
020
40
60
80
1
I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product vs. Collector Current
V
= 5V
f = 100MHz
CE
00
DS31184 Rev. 3 - 2
3 of 4
www.diodes.com
DXT651
© Diodes Incorporated


Similar Part No. - DXT651

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT651Q DIODES-DXT651Q Datasheet
385Kb / 6P
   60V NPN LOW SATURATION POWER TRANSISTOR
DXT651Q-13 DIODES-DXT651Q-13 Datasheet
385Kb / 6P
   60V NPN LOW SATURATION POWER TRANSISTOR
DXT651 DIODES-DXT651_15 Datasheet
191Kb / 6P
   60V NPN LOW VCE(sat) TRANSISTOR IN SOT89
More results

Similar Description - DXT651

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DJT4031N DIODES-DJT4031N_15 Datasheet
114Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4160U DIODES-DSS4160U_15 Datasheet
173Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2678 DIODES-2DD2678_15 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4540X DIODES-DSS4540X_15 Datasheet
114Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4140U DIODES-DSS4140U Datasheet
118Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS20201L DIODES-DSS20201L Datasheet
126Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2661 DIODES-2DD2661 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2678 DIODES-2DD2678 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4160V DIODES-DSS4160V Datasheet
120Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2098R DIODES-2DD2098R_15 Datasheet
182Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2656 DIODES-2DD2656 Datasheet
97Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com