Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2230U-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN2230U-7
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2230U-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN2230U-7 Datasheet HTML 1Page - Diodes Incorporated DMN2230U-7 Datasheet HTML 2Page - Diodes Incorporated DMN2230U-7 Datasheet HTML 3Page - Diodes Incorporated DMN2230U-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMN2230U
Fig. 4 Normalized Static Drain-Source On-Resistance
vs. Ambient Temperature
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
25
50
150
T , AMBIENT TEMPERATURE (°C)
A
V
= 2.5V
I = 1.5A
GS
D
V
= 4.5V
I = 2.5A
GS
D
V
= 1.8V
I = 1.0A
GS
D
075
12
100
Fig. 3 On-Resistance vs.
Drain-Source Current & Gate Voltage
I , DRAIN-SOURCE CURRENT
D
V
= 1.8V
GS
V
= 2.5V
GS
V
= 4.5V
GS
0.01
0.1
1
0.01
0.1
1
10
5
Fig. 6 Typical Total Capacitance
10
100
1,000
0
2
4
6
8
10
12
14
16
18
20
V
, DRAIN-SOURCE VOLTAGE (V)
DS
C
iss
Coss
Crss
f = 1MHz
Fig. 5 Gate Threshold Variation with Temperature
0
0.2
0.4
0.6
0.8
1
-50-25
0
25
50
75100
125 150
T , AMBIENT TEMPERATURE (C)
A
I = 250µA
D
Fig. 7 Reverse Drain Current vs. Source-Drain Voltage
0.0001
0.001
0.01
0.1
1
10
0.1 0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
V
, SOURCE-DRAIN VOLTAGE (V)
SD
DMN2230U
Document number: DS31180 Rev. 4 - 2
3 of 4
www.diodes.com
June 2008
© Diodes Incorporated


Similar Part No. - DMN2230U-7

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
DMN2230U ZPSEMI-DMN2230U Datasheet
138Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN2230UQ DIODES-DMN2230UQ Datasheet
375Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2230U DIODES-DMN2230U_15 Datasheet
128Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2230U-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com