Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2230U Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2230U
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2230U Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2230U Datasheet HTML 1Page - Diodes Incorporated DMN2230U Datasheet HTML 2Page - Diodes Incorporated DMN2230U Datasheet HTML 3Page - Diodes Incorporated DMN2230U Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMN2230U
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
±10
μA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
0.5
1.0
V
VDS = VCS, ID = 250μA
VGS = 4.5V, ID = 2.5A
VGS = 2.5V, ID = 1.5A
RDS (ON)
81
113
170
110
145
230
m
Ω
Static Drain-Source On-Resistance
VGS = 1.8V, ID = 1.0A
Forward Transfer Admittance
|Yfs|
5
S
VDS =5V, ID = 2.4A
Diode Forward Voltage (Note 6)
VSD
0.8
1.1
V
VGS = 0V, IS = 1.05A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
188
pF
DMN2230U
Document number: DS31180 Rev. 4 - 2
2 of 4
www.diodes.com
June 2008
© Diodes Incorporated
Output Capacitance
Coss
44
pF
Crss
30
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Reverse Transfer Capacitance
Turn-On Delay Time
td(on)
8
Rise Time
tr
3.8
Turn-Off Delay Time
td(off)
19.6
tf
8.3
ns
VDD = 10V, RL = 10Ω
ID = 1A, VGEN = 4.5V, RG = 6Ω
Fall Time
Notes:
6. Short duration pulse test used to minimize self-heating effect.
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
0
0.5
1
1.5
2
2.5
3
3.5
4


Similar Part No. - DMN2230U

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
DMN2230U ZPSEMI-DMN2230U Datasheet
138Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN2230UQ DIODES-DMN2230UQ Datasheet
375Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2230U DIODES-DMN2230U_15 Datasheet
128Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2230U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com