Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M22520-2-01 Datasheet(PDF) 2 Page - Harwin Plc

Part # M22520-2-01
Description  DATAMATE HAND CRIMP TOOL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M22520-2-01 Datasheet(HTML) 2 Page - Harwin Plc

  M22520-2-01 Datasheet HTML 1Page - Harwin Plc M22520-2-01 Datasheet HTML 2Page - Harwin Plc M22520-2-01 Datasheet HTML 3Page - Harwin Plc M22520-2-01 Datasheet HTML 4Page - Harwin Plc M22520-2-01 Datasheet HTML 5Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IS-01
Issue: 2
Date: 06.09.00
C/Note: 5393
Side 1
HAND CRIMP TOOL M22520/2-01
This Hand Crimp Tool has been designed for use with the following Datamate crimp
sockets (when used with Positioner T5747):
M80-0110001......... Large bore crimp socket (22 AWG), Tin shell/Gold clip
(used in M80-889XX01 and M80-899XX01)
M80-0110005......... Large bore crimp socket (22 AWG), Gold shell/Gold clip
(used in M80-889XX05 and M80-899XX05)
M80-0130001......... Small bore crimp socket (24-28 AWG), Tin shell/Gold clip
(used in M80-888XX01 and M80-898XX01)
M80-0130005......... Small bore crimp socket (24-28 AWG), Gold shell/Gold clip
(used in M80-888XX05 and M80-898XX05)
The following Datamate Power Crimp Sockets can also be crimped (when used with
Positioner Z80-058):
M80-0550001......... Power crimp socket (18-20 AWG), Tin shell/Gold clip
(used in M80-716XX01 and M80-719XX01)
M80-0550005......... Power crimp socket (18-20 AWG), Gold shell/Gold clip
(used in M80-716XX05 and M80-719XX05)
HARWIN Inc
HARWIN plc
HARWIN pte
U.S.A.
U.K.
Singapore
Tel:
812 285 0055
023 9231 4545
65 779 1304
Fax:
812 285 0056
023 9231 4590
65 779 3868
E-Mail:
mis@harwin.com
mis@harwin.co.uk
mis@harwin.com.sg


Similar Part No. - M22520-2-01

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M22520 HARWIN-M22520 Datasheet
54Kb / 1P
   DATAMATE HAND CRIMP TOOL
logo
Amphenol Aerospace Oper...
M22520/1-01 AAO-M22520/1-01 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
M22520/1-02 AAO-M22520/1-02 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
M22520/23-01 AAO-M22520/23-01 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
M22520/23-02 AAO-M22520/23-02 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
More results

Similar Description - M22520-2-01

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M22520 HARWIN-M22520 Datasheet
54Kb / 1P
   DATAMATE HAND CRIMP TOOL
Z80-292 HARWIN-Z80-292 Datasheet
64Kb / 1P
   DATAMATE SPECAIL CONTACT HAND CRIMP TOOL
Z80-294 HARWIN-Z80-294 Datasheet
95Kb / 1P
   DATAMATE MIX-TEK HAND CRIMP TOOL M22520/1-01
Z80-255 HARWIN-Z80-255 Datasheet
113Kb / 1P
   DATAMATE TRIO-TEK FEMALE CONTACT HAND CRIMP TOOL AND SPARES
logo
Molex Electronics Ltd.
64001-0500 MOLEX11-64001-0500 Datasheet
53Kb / 1P
   Hand Crimp Tool
64003-0800 MOLEX11-64003-0800 Datasheet
45Kb / 1P
   Hand Crimp Tool
64003-3600 MOLEX11-64003-3600 Datasheet
28Kb / 1P
   Hand Crimp Tool
63811-7000 MOLEX11-63811-7000 Datasheet
40Kb / 1P
   Hand Crimp Tool
63811-9300 MOLEX11-63811-9300 Datasheet
39Kb / 1P
   Hand Crimp Tool
64001-0300 MOLEX11-64001-0300 Datasheet
53Kb / 1P
   Hand Crimp Tool
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com