Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2215L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2215L
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2215L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2215L Datasheet HTML 1Page - Diodes Incorporated DMP2215L Datasheet HTML 2Page - Diodes Incorporated DMP2215L Datasheet HTML 3Page - Diodes Incorporated DMP2215L Datasheet HTML 4Page - Diodes Incorporated DMP2215L Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMP2215L
Document number: DS31125 Rev. 7 - 2
2 of 5
www.diodes.com
July 2009
© Diodes Incorporated
DMP2215L
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-800
nA
VDS = -20V, VGS = 0V
On-State Drain Current
ID(ON)
-6
A
VDS -5V, VGS = -4.5V
-3
VDS -5V, VGS = -2.5V
Gate-Source Leakage
IGSS
±80
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-0.45
-1.25
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
80
165
100
215
m
Ω
VGS = -4.5V, ID = -2.7A
VGS = -2.5V, ID = -2.0A
Forward Transfer Admittance
|Yfs|
4
S
VDS = -5V, ID = -2.7A
Diode Forward Voltage (Note 5)
VSD
-1.26
V
VGS = 0V, IS = -2.7A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
250
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
88
pF
Reverse Transfer Capacitance
Crss
58
pF
Gate Resistance
Rg
12
16
Ω
VGS = 0V, VDS = 0V, f = 1MHz
Total Gate Charge
Qg
4.3
5.3
nC
VGS = -4.5V, VDS = -10V,
ID = -2.7A
Gate-Source Charge
Qgs
0.9
Gate-Drain Charge
Qgd
2.1
Notes:
5. Short duration pulse test used to minimize self-heating effect.
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 Typical Output Characteristics
DS
V
= -5V
Pulsed
DS


Similar Part No. - DMP2215L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
DMP2215L ZPSEMI-DMP2215L Datasheet
164Kb / 2P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Diodes Incorporated
DMP2215L DIODES-DMP2215L Datasheet
464Kb / 5P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP2215L-7 DIODES-DMP2215L-7 Datasheet
464Kb / 5P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
DMP2215L-7 VBSEMI-DMP2215L-7 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Diodes Incorporated
DMP2215L DIODES-DMP2215L_15 Datasheet
249Kb / 5P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMP2215L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com