Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M80-88820T6 Datasheet(PDF) 1 Page - Harwin Plc

Part # M80-88820T6
Description  DATAMATE 2mm PITCH CRIMP DIL SOCKET ASSEMBLY SMALL BORE (24-28 AWG)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M80-88820T6 Datasheet(HTML) 1 Page - Harwin Plc

  M80-88820T6 Datasheet HTML 1Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - M80-88820T6

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-8882001 HARWIN-M80-8882001 Datasheet
485Kb / 1P
   Datamate Connectors
M80-8882001 HARWIN-M80-8882001 Datasheet
411Kb / 1P
   Datamate Connectors
M80-8882005 HARWIN-M80-8882005 Datasheet
485Kb / 1P
   Datamate Connectors
M80-8882005 HARWIN-M80-8882005 Datasheet
411Kb / 1P
   Datamate Connectors
More results

Similar Description - M80-88820T6

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-8980201 HARWIN-M80-8980201 Datasheet
89Kb / 1P
   DATAMATE 2mm PITCH CRIMP SIL SOCKET ASSEMBLY SMALL BORE (24-28 AWG)
M80-8890401 HARWIN-M80-8890401 Datasheet
93Kb / 1P
   DATAMATE 2mm PITCH CRIMP DIL SOCKET ASSEMBLY LARGE BORE (22 AWG)
M80-8990201 HARWIN-M80-8990201 Datasheet
89Kb / 1P
   DATAMATE 2mm PITCH CRIMP SIL SOCKET ASSEMBLY LARGE BORE (22 AWG)
M80-4610405 HARWIN-M80-4610405 Datasheet
145Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP (SMALL BORE) FEMALE ASSEMBLY
M80-5830405 HARWIN-M80-5830405 Datasheet
94Kb / 1P
   DATAMATE J-TEK DIL MALE DIL SMALL BORE CRIMP
M80-8440442 HARWIN-M80-8440442 Datasheet
78Kb / 1P
   DATAMATE CRIMP DIL SOCKET ASSEMBLY
M80-46304050405 HARWIN-M80-46304050405 Datasheet
90Kb / 1P
   DATAMATE J-TEK FEMALE DIL SMALL BORE CRIMP
M80-5630405 HARWIN-M80-5630405 Datasheet
115Kb / 1P
   DATAMATE J-TEK MALE DIL SMALL BORE CRIMP
M80-4600405 HARWIN-M80-4600405 Datasheet
144Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP (LARGE BORE) FEMALE ASSEMBLY
M80C108371C HARWIN-M80C108371C Datasheet
515Kb / 4P
   DATAMATE DIL CRIMP SOCKET CABLE ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com