Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8xC-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # S8xC-13
Description  8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S8xC-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  S8xC-13 Datasheet HTML 1Page - Diodes Incorporated S8xC-13 Datasheet HTML 2Page - Diodes Incorporated S8xC-13 Datasheet HTML 3Page - Diodes Incorporated S8xC-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S8KC - S8MC
Document number: DS31117 Rev. 7 - 2
3 of 4
www.diodes.com
July 2009
© Diodes Incorporated
S8KC - S8MC
Package Outline Dimensions
Suggested Pad Layout
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
Dimensions
Value (in mm)
Z
9.3
G
4.4
X
3.3
Y
2.5
C
6.8
A
B
C
D
G
H
E
J
Z
X
C
G
Y


Similar Part No. - S8xC-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S8XC-13 DIODES-S8XC-13 Datasheet
280Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S8XC-13 DIODES-S8XC-13 Datasheet
280Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S8xC-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S8NC DIODES-S8NC Datasheet
421Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
December 2014
S8KC DIODES-S8KC_15 Datasheet
280Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S8NC DIODES-S8NC_15 Datasheet
421Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S8KC-13 DIODES-S8KC-13 Datasheet
280Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S8MC-13 DIODES-S8MC-13 Datasheet
280Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
GBU8A ZSELEC-GBU8A Datasheet
122Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU8005 ZSELEC-GBU8005 Datasheet
123Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU6A ZSELEC-GBU6A Datasheet
122Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU6005 ZSELEC-GBU6005 Datasheet
123Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU4A ZSELEC-GBU4A Datasheet
122Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com