Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M80-8421742 Datasheet(PDF) 1 Page - Harwin Plc

Part # M80-8421742
Description  DATAMATE 2mm PITCH HORIZONTAL PC TAIL SIL PLUG ASSEMBLY - LATCHED (RoHS)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M80-8421742 Datasheet(HTML) 1 Page - Harwin Plc

  M80-8421742 Datasheet HTML 1Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - M80-8421742

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-8421742 HARWIN-M80-8421742 Datasheet
93Kb / 1P
   DATAMATE 2mm PITCH HORIZONTAL PC TAIL SIL PLUG ASSEMBLY-LATCHED
More results

Similar Description - M80-8421742

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-8420222 HARWIN-M80-8420222 Datasheet
93Kb / 1P
   DATAMATE 2mm PITCH HORIZONTAL PC TAIL SIL PLUG ASSEMBLY-LATCHED
M80-8820242 HARWIN-M80-8820242 Datasheet
98Kb / 1P
   DATAMATE SIL VERTICAL PC TAIL PLUG ASSEMBLY LATCHED (RoHS)
M80-8760205 HARWIN-M80-8760205 Datasheet
105Kb / 1P
   DATAMATE SIL HORIZONTAL MALE PC TAIL ASSEMBLY - LATCHED
M80-8820342 HARWIN-M80-8820342 Datasheet
68Kb / 1P
   DATAMATE SIL VERTICAL PC TAIL PLUG ASSEMBLY-LATCHED
M80-8820222 HARWIN-M80-8820222 Datasheet
73Kb / 1P
   DATAMATE SIL VERTICAL PC TAIL PLUG ASSEMBLY - LATCHED
M80-8390442 HARWIN-M80-8390442 Datasheet
105Kb / 1P
   DATAMATE DIL HORIZONTAL PC TAIL PLUG ASSEMBLY FRICTION LATCHED (RoHS)
M80-8530442 HARWIN-M80-8530442 Datasheet
104Kb / 1P
   DATAMATE DIL VERTICAL PC TAIL PLUG ASSEMBLY - LATCHED (RoHS)
M80-8970201 HARWIN-M80-8970201 Datasheet
110Kb / 1P
   DATAMATE 2mm PITCH SIL VERTICAL PC TAIL SOCKET ASSEMBLY
M80-8630442 HARWIN-M80-8630442 Datasheet
103Kb / 1P
   DATAMATE DIL VERTICAL PC TAIL PLUG ASSEMBLY FRICTION LATCHED (RoHS)
M80-852022 HARWIN-M80-852022 Datasheet
65Kb / 1P
   DATAMATE SIL VERTICAL PC TAIL PLUG ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com