Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN150B01 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # LBN150B01
Description  150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LBN150B01 Datasheet(HTML) 3 Page - Diodes Incorporated

  LBN150B01 Datasheet HTML 1Page - Diodes Incorporated LBN150B01 Datasheet HTML 2Page - Diodes Incorporated LBN150B01 Datasheet HTML 3Page - Diodes Incorporated LBN150B01 Datasheet HTML 4Page - Diodes Incorporated LBN150B01 Datasheet HTML 5Page - Diodes Incorporated LBN150B01 Datasheet HTML 6Page - Diodes Incorporated LBN150B01 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics: Discrete NPN Transistor (Q2) @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
VCBO
60
V
IC = 10uA, IE = 0
Collector-Emitter Breakdown Voltage
VCEO
40
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
VEBO
6
V
IE = 10μA, IC = 0
Collector Cutoff Current
ICEX
50
nA
VCE = 30V, VEB(OFF) = 3.0V
Base Cutoff Current
IBL
50
nA
VCE = 30V, VEB(OFF) = 3.0V
Collector-Base Cut Off Current
ICBO
50
nA
VCB = 30V, IE = 0
Collector-Emitter Cut Off Current
ICEO
50
nA
VCE = 30V, IB = 0
Emitter-Base Cut Off Current
IEBO
50
nA
VEB = 5V, IC = 0
ON CHARACTERISTICS (Note 4)
150
VCE = 1V, IC = 100 μA
170
VCE = 1V, IC = 1 mA
160
VCE = 1V, IC = 10 mA
70
VCE = 1V, IC = 50 mA
30
VCE = 1V, IC = 100 mA
DC Current Gain
hFE
12
VCE = 1V, IC = 200 mA
0.08
IC = 10 mA, IB = 1 mA
0.16
IC = 50mA, IB = 5mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.36
V
IC = 200mA, IB = 20mA
Equivalent on-resistance
RCE(SAT)
1.8
Ω
IC = 200mA, IB = 20mA
Base-Emitter Turn-on Voltage
VBE(ON)
0.98
V
VCE = 5V, IC = 200mA
0.95
IC = 10mA, IB = 1mA
VBE(SAT)
1.1
V
IC = 50mA, IB = 5mA
Base-Emitter Saturation Voltage
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
COBO
4
pF
VCB = 5.0 V, f = 1.0 MHz, IE = 0
Input Capacitance
CIBO
8
pF
VEB = 5.0 V, f = 1.0 MHz, IC = 0
Input Impedance
hIE
2
12
K
Ω
Voltage Feedback ratio
hRE
0.1
10
x 10E-4
DS30749 Rev. 4 - 2
3 of 7
www.diodes.com
LBN150B01
© Diodes Incorporated
Small Signal Current Gain
hFE
100
400
hOE
3
60
μS
VCE = 1.0V, Ic = 10mA, f = 1.0 KHz
Output Admittance
Current Gain-Bandwidth Product
fT
250
MHz
VCE = 20V, IC = 0mA, f = 100 MHz
NF
4
dB
VCE = 5V, Ic = 100 uA, Rs = 1Ω,
f =1 KHz
Noise Figure
SWITCHING CHARACTERISTICS
Delay Time
td
35
ns
VCC = -3.0 V, IC = 10 mA,
Rise Time
tr
35
ns
VBE(OFF) = 0.5V, IB1 = 1.0 mA
Typical Characteristics
1
10
100
1,000
0.1
1
10
100
V
, COLLECTOR EMITTER CURRENT (V)
Fig. 2 Safe Operating Area
CE
0
50
100
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Max Power Dissipation vs Ambient Temperature
A
150
200
250
300
350
0


Similar Part No. - LBN150B01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LBN150B01 DIODES-LBN150B01 Datasheet
322Kb / 9P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
DS30749 Rev. 3 - 2
LBN150B01-7 DIODES-LBN150B01-7 Datasheet
322Kb / 9P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
DS30749 Rev. 3 - 2
LBN150B01 DIODES-LBN150B01_15 Datasheet
307Kb / 7P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
More results

Similar Description - LBN150B01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LBN150B01 DIODES-LBN150B01 Datasheet
322Kb / 9P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
DS30749 Rev. 3 - 2
LBN150B01 DIODES-LBN150B01_15 Datasheet
307Kb / 7P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
LMN200B02 DIODES-LMN200B02_1 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
logo
ON Semiconductor
MJL3281A ONSEMI-MJL3281A_13 Datasheet
114Kb / 5P
   Complementary Bipolar Power Transistors
September, 2013 ??Rev. 11
logo
Diodes Incorporated
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
LMN400E01 DIODES-LMN400E01 Datasheet
549Kb / 10P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
logo
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com