Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN150B01 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # LBN150B01
Description  150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LBN150B01 Datasheet(HTML) 6 Page - Diodes Incorporated

  LBN150B01 Datasheet HTML 1Page - Diodes Incorporated LBN150B01 Datasheet HTML 2Page - Diodes Incorporated LBN150B01 Datasheet HTML 3Page - Diodes Incorporated LBN150B01 Datasheet HTML 4Page - Diodes Incorporated LBN150B01 Datasheet HTML 5Page - Diodes Incorporated LBN150B01 Datasheet HTML 6Page - Diodes Incorporated LBN150B01 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Application Details
PNP Transistor and NPN Transistor integrated as one in
LBN150B01 can be used as a discrete entity for general purpose
applications or as a part of a circuit to function as a Load Switch.
When it is used as the latter as shown in Example Circuit
Schematic, various input voltage sources can be used as long as
they do not exceed the maximum rating of the device. These
devices are designed to deliver continuous output load current up
to maximum of 150 mA. The use of the NPN as a switch
eliminates the need for higher current required to overcome the
gate charge in the event an N-MOSFET is used. Care must be
taken for higher levels of dissipation while designing for higher
load conditions. These devices provide power on demand and
also consume less space. It mainly helps in optimizing power
usage, thereby conserving battery life in a controlled load system
like portable battery powered applications. (Please see Figure
below for one example of typical application circuit used in
conjunction with a voltage regulator as a part of power
management system).
R 2
220
Vi n
V o u t
Q1
P N P
NP N
LO A D
R1
10K
BQ2
Control
CQ1
CQ2
BQ1
EQ2
EQ1
Q2
Example Circuit Schematic
Typical Application Circuit
U1
Vi n
OU T 1
GN D
V out
U2
1
3
2
4
5
6
E_ Q 1
B_ Q 2
B_ Q 1
C_ Q 2
E_ Q 2
C_ Q 1
Con t r o l
U3
IN
O U T
Vi n
5V Suppl y
GN D
Load Switch
Voltage Regulator
LBN150B01
Diodes, Inc.
Point of
Load
Control Logic
Circuit (PIC,
Comparator, etc)
Ordering Information (Note 5)
DS30749 Rev. 4 - 2
6 of 7
www.diodes.com
LBN150B01
© Diodes Incorporated
Device
Marking Code
Packaging
Shipping
LBN150B01-7
PM4
SOT-26
3000/Tape & Reel
Notes:
5.
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PM4
PM4 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D


Similar Part No. - LBN150B01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LBN150B01 DIODES-LBN150B01 Datasheet
322Kb / 9P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
DS30749 Rev. 3 - 2
LBN150B01-7 DIODES-LBN150B01-7 Datasheet
322Kb / 9P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
DS30749 Rev. 3 - 2
LBN150B01 DIODES-LBN150B01_15 Datasheet
307Kb / 7P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
More results

Similar Description - LBN150B01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LBN150B01 DIODES-LBN150B01 Datasheet
322Kb / 9P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
DS30749 Rev. 3 - 2
LBN150B01 DIODES-LBN150B01_15 Datasheet
307Kb / 7P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
LMN200B02 DIODES-LMN200B02_1 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
logo
ON Semiconductor
MJL3281A ONSEMI-MJL3281A_13 Datasheet
114Kb / 5P
   Complementary Bipolar Power Transistors
September, 2013 ??Rev. 11
logo
Diodes Incorporated
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
LMN400E01 DIODES-LMN400E01 Datasheet
549Kb / 10P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
logo
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com