Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6834-PLQW Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA6834-PLQW
Description  Built-in 5V/3.3V Voltage Regulator with Current Limitation
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6834-PLQW Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA6834-PLQW Datasheet HTML 1Page - ATMEL Corporation ATA6834-PLQW Datasheet HTML 2Page - ATMEL Corporation ATA6834-PLQW Datasheet HTML 3Page - ATMEL Corporation ATA6834-PLQW Datasheet HTML 4Page - ATMEL Corporation ATA6834-PLQW Datasheet HTML 5Page - ATMEL Corporation ATA6834-PLQW Datasheet HTML 6Page - ATMEL Corporation ATA6834-PLQW Datasheet HTML 7Page - ATMEL Corporation ATA6834-PLQW Datasheet HTML 8Page - ATMEL Corporation ATA6834-PLQW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
9122F–AUTO–03/10
ATA6833/ATA6834 [Preliminary]
3.
Functional Description
3.1
Power Supply Unit with Supervisor Functions
3.1.1
Power Supply
The IC has to be supplied by a reverse-protected battery voltage. To prevent damage to the IC,
proper external protection circuitry has to be added. It is recommended to use at least one
capacitor combination of storage and RF capacitors behind the reverse protection circuitry,
which is connected close to the VBAT and GND pins of the IC.
A fully integrated low-power and low-drop regulator (VINT regulator), stabilized by an external
blocking capacitor, provides the necessary low-voltage supply needed for the wake-up process.
A trimmed low-power band gap is used as reference for the VINT regulator as well as for the
VCC regulator. All internal blocks are supplied by VINT regulator. VINT regulator must not be
used for any external supply purposes.
Nothing inside the IC except the logic interface to the external microcontroller is supplied by the
5V/3.3V VCC regulator.
Both voltage regulators are checked by a “power-good comparator”, which keeps the whole chip
in reset as long as the internal supply voltage (VINT regulator output) is too low and generates a
reset for the external microcontroller if the output voltage of the VCC regulator is not sufficient.
3.1.2
VBatt Switch
This high-voltage switch provides the battery voltage at pin VBATSW for various purposes. It is
switched ON after power on reset when the IC transits to Active Mode and it will only turn OFF
when the IC changes to Sleep Mode. Watchdog resets do not have an effect on the switch. The
switch can be used for measuring purposes as well as to switch on external voltage regulators.
3.1.3
Voltage Supervisor
This function is implemented to protect the IC and the external power MOS transistors from
damage due to overvoltage on PBAT input. In the event of overvoltage (V
THOV) or undervoltage
(V
THUV), the external NMOS motor driver transistors will be switched off. The failure state will be
flagged on DG2 pin. It is recommended to block PBAT with an external RF capacitor to suppress
high frequency disturbances.
3.1.4
Temperature Supervisor
An integrated temperature sensor prevents the IC from overheating. If the temperature is above
the overtemperature pre-warning threshold T
JPW set, the diagnostic pin DG3 will be switched to
HIGH to signal this event to the external microcontroller. The microcontroller should take actions
to reduce the power dissipation in the IC. If the temperature rises above the overtemperature
shutdown threshold T
J switch off, the VCC regulator and all output drivers together with the LIN
transceiver will be switched OFF immediately and the /RESET signal will go LOW. Both thresh-
olds have a built-in hysteresis to avoid oscillations. The IC will return to normal operation (Active
Mode) when it has cooled down below the shutdown threshold. When the junction temperature
drops below the pre-warning threshold, bit DG3 will be switched LOW.


Similar Part No. - ATA6834-PLQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6834-PLQW ATMEL-ATA6834-PLQW Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6834-PLQW ATMEL-ATA6834-PLQW Datasheet
666Kb / 27P
   BLDC Motor Driver and LIN System Basis Chip
More results

Similar Description - ATA6834-PLQW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8044F TOSHIBA-TA8044F Datasheet
330Kb / 8P
   3.3V/5V DUAL-VOLTAGE REGULATOR WITH WATCHDOG TIMMER
TA8044AF TOSHIBA-TA8044AF Datasheet
199Kb / 10P
   3.3V / 5V DUAL-VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
List of Unclassifed Man...
P9813 ETC1-P9813 Datasheet
710Kb / 9P
   IC input voltage 5V-6.5V;built-in LDO,4.5V regulator output
logo
EPCOS
B44066T0100E400 EPCOS-B44066T0100E400 Datasheet
48Kb / 4P
   Current limitation reactor
logo
STMicroelectronics
STEVAL-IFP010V1 STMICROELECTRONICS-STEVAL-IFP010V1 Datasheet
163Kb / 6P
   Current limitation
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
Rohm
BD9G101G-EVK-101 ROHM-BD9G101G-EVK-101 Datasheet
1Mb / 8P
   Regulator with Built-In Power MOSFET
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6223 TOREX-XC6223 Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com