Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6833-PLQW Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA6833-PLQW
Description  Built-in 5V/3.3V Voltage Regulator with Current Limitation
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6833-PLQW Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA6833-PLQW Datasheet HTML 5Page - ATMEL Corporation ATA6833-PLQW Datasheet HTML 6Page - ATMEL Corporation ATA6833-PLQW Datasheet HTML 7Page - ATMEL Corporation ATA6833-PLQW Datasheet HTML 8Page - ATMEL Corporation ATA6833-PLQW Datasheet HTML 9Page - ATMEL Corporation ATA6833-PLQW Datasheet HTML 10Page - ATMEL Corporation ATA6833-PLQW Datasheet HTML 11Page - ATMEL Corporation ATA6833-PLQW Datasheet HTML 12Page - ATMEL Corporation ATA6833-PLQW Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
9122F–AUTO–03/10
ATA6833/ATA6834 [Preliminary]
Example:
Using an external resistor R
WD =33kΩ ±1% results in typical parameters as follows:
T
OSC = 12.32 µs
t
1 =980 × TOSC = 12.07 ms ±10%
t
2 =780 × TOSC = 9.609 ms ±10%
t
1 + t2 = 21.68 ms ±10%
Hence, the minimum time the external microcontroller has to wait before pin WD can be trig-
gered is in worst case t
min =1.1 × t1 = 13.28 ms. The maximum time for the watchdog trigger on
WD pin is t
max =0.9 × (t1 +t2) = 19.51 ms. Thus watchdog trigger input must remain within
t
max –tmin =6.23ms.
Other values can be set up by picking a different resistor value for R
WD. The dependency of TOSC
on the value of R
WD is shown in Figure 3-5.
Figure 3-5.
T
OSC versus RWD
3.5
Charge Pump
A charge pump has been implemented in order to provide sufficient voltage to operate the exter-
nal high-side power-NMOS transistors and the VG regulator, which drives the low-side
Power-NMOS transistors. The charge pump output voltage at CPOUT pin is controlled to settle
typically about 15V above the voltage at pin PBAT. A built-in supervisor circuit checks if the out-
put voltage is sufficient to operate the VG regulator and external Power-NMOS transistors. The
output voltage is accepted as good when it rises above VCP
CPGOOD. A charge pump failure is
flagged at DG2 if this minimum can not be reached or if the output voltage drops below the lower
threshold of VCP
CPGOOD due to overloading.
The two shuffle capacitors should have the same value. The value of the reservoir capacitor
should be at least twice the value of one shuffle capacitor. Two external shuffle capacitors and
an external reservoir capacitor have to be provided. The typical values for the two shuffle
capacitor is 100 nF, and for the reservoir capacitor is 470 nF. All capacitors should be ceramic. It
is advisable to pick a reservoir capacitor with twice or three-times the size of the two
equally-sized shuffle capacitors. The greater the capacitors, the greater the output current
capability.
RWD (kΩ)
T
OSC (µs)
0
5
10
15
20
25
30
35
40
45
10
20
30
40
50
60
70
80
90
10 0
T
OSCmin (µs)
T
OSCmax (µs)


Similar Part No. - ATA6833-PLQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6833-PLQW ATMEL-ATA6833-PLQW Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6833-PLQW ATMEL-ATA6833-PLQW Datasheet
666Kb / 27P
   BLDC Motor Driver and LIN System Basis Chip
More results

Similar Description - ATA6833-PLQW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8044F TOSHIBA-TA8044F Datasheet
330Kb / 8P
   3.3V/5V DUAL-VOLTAGE REGULATOR WITH WATCHDOG TIMMER
TA8044AF TOSHIBA-TA8044AF Datasheet
199Kb / 10P
   3.3V / 5V DUAL-VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
List of Unclassifed Man...
P9813 ETC1-P9813 Datasheet
710Kb / 9P
   IC input voltage 5V-6.5V;built-in LDO,4.5V regulator output
logo
EPCOS
B44066T0100E400 EPCOS-B44066T0100E400 Datasheet
48Kb / 4P
   Current limitation reactor
logo
STMicroelectronics
STEVAL-IFP010V1 STMICROELECTRONICS-STEVAL-IFP010V1 Datasheet
163Kb / 6P
   Current limitation
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
Rohm
BD9G101G-EVK-101 ROHM-BD9G101G-EVK-101 Datasheet
1Mb / 8P
   Regulator with Built-In Power MOSFET
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6223 TOREX-XC6223 Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com