Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6831-PISW Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6831-PISW
Description  Very Low Quiescent Current IVS < 5 關A in Standby Mode over Total Temperature Range
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6831-PISW Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6831-PISW Datasheet HTML 1Page - ATMEL Corporation ATA6831-PISW Datasheet HTML 2Page - ATMEL Corporation ATA6831-PISW Datasheet HTML 3Page - ATMEL Corporation ATA6831-PISW Datasheet HTML 4Page - ATMEL Corporation ATA6831-PISW Datasheet HTML 5Page - ATMEL Corporation ATA6831-PISW Datasheet HTML 6Page - ATMEL Corporation ATA6831-PISW Datasheet HTML 7Page - ATMEL Corporation ATA6831-PISW Datasheet HTML 8Page - ATMEL Corporation ATA6831-PISW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
4908G–AUTO–07/10
ATA6831
3.
Functional Description
3.1
Serial Interface
Data transfer starts with the falling edge of the CS signal. Data must appear at DI synchronized
to CLK and is accepted on the falling edge of the CLK signal. The LSB (bit 0, SRR) has to be
transferred first. Execution of new input data is enabled on the rising edge of the CS signal.
When CS is high, pin DO is in tri-state condition. This output is enabled on the falling edge of
CS. Output data will change their state with the rising edge of CLK and stay stable until the next
rising edge of CLK appears. LSB (bit 0, TP) is transferred first.
Figure 3-1.
Data Transfer
SRR
LS1
HS1
LS2
HS2
LS3
HS3
PL1
PH1
PL2
PH2
PL3
PH3
OLD
OCS
SI
CS
DI
CLK
DO
TP
S1L
S1H
S2L
S2H
S3L
S3H
n. u.
n. u.
n. u.
n. u.
n. u.
n. u.
OVl
INH
PSF
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Table 3-1.
Input Data Protocol
Bit
Input Register
Function
0SRR
Status register reset (high = reset; the bits PSF and OVL in the output
data register are set to low)
1
LS1
Controls output LS1 (high = switch output LS1 on)
2
HS1
Controls output HS1 (high = switch output HS1 on)
3
LS2
See LS1
4
HS2
See HS1
5
LS3
See LS1
6
HS3
See HS1
7
PL1
Output LS1 additionally controlled by PWM Input
8
PH1
Output HS1 additionally controlled by PWM Input
9
PL2
See PL1
10
PH2
See PH1
11
PL3
See PL1
12
PH3
See PH1
13
OLD
Open load detection (low = on)
14
OCS
Overcurrent shutdown (high = overcurrent shutdown is active)
15
SI
Software inhibit; low = standby, high = normal operation
(data transfer is not affected by the standby function because the digital
part is still powered)


Similar Part No. - ATA6831-PISW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6831-PISW ATMEL-ATA6831-PISW Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
ATA6831-PISW ATMEL-ATA6831-PISW Datasheet
362Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
More results

Similar Description - ATA6831-PISW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9263-3QXV33 INFINEON-TLE9263-3QXV33 Datasheet
7Mb / 199P
   Very low quiescent current consumption in Stop- and Sleep Mode
TLE9266QX INFINEON-TLE9266QX Datasheet
5Mb / 126P
   Very low quiescent current consumption in Stop- and Sleep Mode
TLE9266-2QX INFINEON-TLE9266-2QX Datasheet
5Mb / 127P
   Very low quiescent current consumption in Stop- and Sleep Mode
logo
IK Semicon Co., Ltd
ILA7050N IKSEMICON-ILA7050N Datasheet
149Kb / 3P
   Very low quiescent current
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
   Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
NXP Semiconductors
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
logo
ATMEL Corporation
AT91RM9200 ATMEL-AT91RM9200_14 Datasheet
9Mb / 701P
   Low Power: On VDDCORE 24.4 mA in Normal Mode, 520 關A in Standby Mode
logo
Diodes Incorporated
ZXGD3105N8 DIODES-ZXGD3105N8 Datasheet
380Kb / 13P
   Low standby power with quiescent supply current < 1mA
logo
List of Unclassifed Man...
PA86EU ETC2-PA86EU Datasheet
315Kb / 5P
   A UNIQUE (Patent Pending) TECHNIQUE FOR VERY LOW QUIESCENT CURRENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com