Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS935E1 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DMS935E1
Description  Silicon NPN epitaxial planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DMS935E1 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DMS935E1 Datasheet HTML 1Page - Panasonic Semiconductor DMS935E1 Datasheet HTML 2Page - Panasonic Semiconductor DMS935E1 Datasheet HTML 3Page - Panasonic Semiconductor DMS935E1 Datasheet HTML 4Page - Panasonic Semiconductor DMS935E1 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ver. BED
This product complies with the RoHS Directive (EU 2002/95/EC).
DMS935E1
2
PT  Ta
0
0
200
160
40
120
80
25
100
75
50
150
125
DMS935E1_PT-Ta
Ambient temperature Ta (°C)
IC  VCE
hFE IC
VCE(sat) IC
0
0
12
2
10
4
8
6
60
50
40
30
20
10
Collector-emitter voltage VCE (V)
DMS935E1(Tr1)_IC-VCE
Ta = 25°C
IB = 950 µA
350 µA
450 µA
550 µA
650 µA
750 µA
850 µA
250 µA
150 µA
50 µA
0
10−1
500
300
400
200
100
1
10
102
Collector current IC (mA)
DMS935E1(Tr1)_hFE-IC
25°C
30°C
Ta = 85°C
VCE = 10 V
10−2
10−1
10−1
1
10
1
10
102
Collector current IC (mA)
DMS935E1(Tr1)_VCEsat-IC
25°C
30°C
Ta = 85°C
IC / IB = 30
Common characteristics chart
Characteristics charts of Tr
IC  VBE
Cob  VCB
fT  IC
0
0
1.2
0.8
0.4
50
40
30
20
10
DMS935E1(Tr1)_IC-VBE
Base-emitter voltage VBE (V)
25°C
30°C
Ta = 85°C
VO = 10 V
0
1
3.0
2.5
2.0
1.5
1.0
0.5
10
100
DMS935E1(Tr1)_Cob-VCB
Collector-base voltage VCB (V)
IE = 0
f = 1 MHz
Ta = 25°C
0
10−1
2000
1500
1000
500
1
10
102
DMS935E1(Tr1)_fT-IC
Collector current IC (mA)
VCE = 10 V
Ta = 25°C


Similar Part No. - DMS935E1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DMS935E2 PANASONIC-DMS935E2 Datasheet
524Kb / 5P
   Silicon NPN epitaxial planar type
More results

Similar Description - DMS935E1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com