Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA2J101 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DA2J101
Description  Silicon epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DA2J101 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DA2J101 Datasheet HTML 1Page - Panasonic Semiconductor DA2J101 Datasheet HTML 2Page - Panasonic Semiconductor DA2J101 Datasheet HTML 3Page - Panasonic Semiconductor DA2J101 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ver. DED
This product complies with the RoHS Directive (EU 2002/95/EC).
Publication date: November 2010
1
DA2J101
Silicon epitaxial planar type
For high speed switching circuits
Features
Small reverse current IR
Short reverse recovery time trr
Contributes to miniaturization of sets, reduction of component count.
Eco-friendly Halogen-free package
Packaging
Embossed type (Thermo-compression sealing): 3000 pcs / reel (standard)
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
80
V
Maximum peak reverse voltage
VRM
80
V
Forward current
IF
100
mA
Peak forward current
IFM
225
mA
Non-repetitive peak forward surge current *
IFSM
500
mA
Junction temperature
Tj
150
°
C
Storage temperature
Tstg
–55 to +150
°
C
Note) *: 1 t = 1 s
Electrical Characteristics Ta = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 100 mA
0.92
1.20
V
Reverse voltage
VR
IR = 100 mA
80
V
Reverse current
IR
VR = 80 V
100
nA
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
1.2
pF
Reverse recovery time *
trr
IF = 10 mA, VR = 6 V, Irr = 0.25 × IR
3
ns
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. Absolute frequency of input and output is 100 MHz
3. *: trr measurement circuit
90%
tp = 2 µs
tr = 0.35 ns
δ =
0.05
10%
tr
tp
trr
VR
IF
t
t
A
Bias Application Unit (N-50BU)
Pulse Generator
(PG-10N)
Rs = 50 Ω
Wave Form Analyzer
(SAS-8130)
Ri = 50 Ω
Input Pulse
Output Pulse
IF = 10 mA
VR = 6 V
Irr = 0.25 × IR
Package
Code
SMini2-F5-B
Pin Name
1: Cathode
2: Anode
Marking Symbol: A1


Similar Part No. - DA2J101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DA2J101 PANASONIC-DA2J101 Datasheet
342Kb / 5P
   Silicon epitaxial planar type
DA2J10100L PANASONIC-DA2J10100L Datasheet
442Kb / 4P
   Silicon epitaxial planar type For high speed switching circuits
October 2012
DA2J10100L PANASONIC-DA2J10100L Datasheet
6Mb / 67P
   Service Manual
2014
More results

Similar Description - DA2J101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com