Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M80-8264422 Datasheet(PDF) 1 Page - Harwin Plc

Part # M80-8264422
Description  Datamate Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M80-8264422 Datasheet(HTML) 1 Page - Harwin Plc

  M80-8264422 Datasheet HTML 1Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.harwin.com
23
All dimensions in mm.
Datamate Connectors
Male Vertical surface Mount
Contact datamate@harwin.com for tape & reel options.
Optional pick and place cap.
Mates with female connectors on pages 18 to 20.
Gull wing SMT tails simplify inspection process.
HoW to orDer
unlatCHeD
latCHeD
WitH FriCtion loCK
Friction lock or latch (when fitted)
adds 0.5mm to overall length ‘A’
2.00
ø0.50
B
2.00
A
5.90
7.50
0
6.0
No. 1 contact
5.90
2.00
2.00
B
A
ø0.50
6.00
7.50
No. 1 contact
5.90
2.00
ø0.50
B
2.00
A
7.50
6.00
No. 1 contact
8.00
1.00
2.00
3.20
B
caLcULatioN
a
B + 5.60
B
Total No. of contacts – 2
FiNiSh
22
Gold + Tin/Lead
42
Gold + Tin
45
Gold
m80 – 82 X XX XX P
totaL No. oF coNtactS
04, 06, 08, 10, 12, 14, 16, 18, 20, 26, 34, 44
tyPe
6
Unlatched
7
Friction latched
8
Latched
SerieS coDe
Pick aND PLace caP
BLaNk No cap
P
Pick and place cap
recommended
PC board Pattern


Similar Part No. - M80-8264422

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-8264422 HARWIN-M80-8264422 Datasheet
110Kb / 1P
   DATAMATE 2mm PITCH VERTICAL SMT DIL PLUG ASSEMBLY - UNLATCHED
More results

Similar Description - M80-8264422

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-8673422 HARWIN-M80-8673422 Datasheet
3Mb / 1P
   Datamate Connectors
M80-4540698 HARWIN-M80-4540698 Datasheet
574Kb / 1P
   Datamate Connectors
M80-0110001 HARWIN-M80-0110001 Datasheet
389Kb / 1P
   Datamate Connectors
M80-8880201 HARWIN-M80-8880201 Datasheet
485Kb / 1P
   Datamate Connectors
M80-8430205 HARWIN-M80-8430205 Datasheet
628Kb / 1P
   Datamate Connectors
M80-8520205 HARWIN-M80-8520205 Datasheet
782Kb / 1P
   Datamate Connectors
M80-XXXXXXX HARWIN-M80-XXXXXXX Datasheet
411Kb / 1P
   Datamate Connectors
T5746 HARWIN-T5746 Datasheet
943Kb / 1P
   Datamate Tooling
M80-308 HARWIN-M80-308 Datasheet
78Kb / 1P
   DATAMATE MIX-TEK
M80-001 HARWIN-M80-001 Datasheet
47Kb / 1P
   DATAMATE LOCKING LATCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com