Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNBT8105 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DNBT8105
Description  1A NPN SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DNBT8105 Datasheet(HTML) 4 Page - Diodes Incorporated

  DNBT8105_09 Datasheet HTML 1Page - Diodes Incorporated DNBT8105_09 Datasheet HTML 2Page - Diodes Incorporated DNBT8105_09 Datasheet HTML 3Page - Diodes Incorporated DNBT8105_09 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DNBT8105
Document number: DS30513 Rev. 9 - 2
4 of 4
www.diodes.com
January 2009
© Diodes Incorporated
DNBT8105
Suggested Pad Layout
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
Dimensions
Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
X
E
Y
C
Z


Similar Part No. - DNBT8105_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DNBT8105-7 DIODES-DNBT8105-7 Datasheet
185Kb / 4P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30513 Rev. 7 - 2
DNBT8105-7 DIODES-DNBT8105-7 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
DNBT8105 DIODES-DNBT8105_11 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
DNBT8105 DIODES-DNBT8105_15 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
More results

Similar Description - DNBT8105_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DNBT8105 DIODES-DNBT8105 Datasheet
185Kb / 4P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30513 Rev. 7 - 2
MMBT123S DIODES-MMBT123S Datasheet
55Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 3 - 2
MMBT123S DIODES-MMBT123S_2 Datasheet
114Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DNBT8105 DIODES-DNBT8105_11 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
DNBT8105 DIODES-DNBT8105_15 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
MMBT123S DIODES-MMBT123S_1 Datasheet
81Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 6 - 2
DPBT8105 DIODES-DPBT8105 Datasheet
91Kb / 4P
   1A PNP SURFACE MOUNT TRANSISTOR
DS30514 Rev. 6 - 2
DPBT8105 DIODES-DPBT8105_15 Datasheet
104Kb / 5P
   1A PNP SURFACE MOUNT TRANSISTOR
DPBT8105 DIODES-DPBT8105_1 Datasheet
129Kb / 4P
   1A PNP SURFACE MOUNT TRANSISTOR
DS30514 Rev. 8 - 2
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com