Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDS560 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS560
Description  5A SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS560 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS560_10 Datasheet HTML 1Page - Diodes Incorporated PDS560_10 Datasheet HTML 2Page - Diodes Incorporated PDS560_10 Datasheet HTML 3Page - Diodes Incorporated PDS560_10 Datasheet HTML 4Page - Diodes Incorporated PDS560_10 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDS560
Document number: DS30480 Rev. 13 - 2
1 of 5
www.diodes.com
December 2010
© Diodes Incorporated
PDS560
PowerDI is a registered trademark of Diodes Incorporated.
5A SCHOTTKY BARRIER RECTIFIER
PowerDI
®5
Features
Guard Ring Die Construction for Transient Protection
High Surge Current Capability
Low Leakage Current
Low Power Loss, High Efficiency
For Use in High Frequency Inverters, Free Wheeling, and
Polarity Protection Applications
High Forward Surge Current Capability
Lead Free Finish, RoHS Compliant (Note 1)
"Green" Molding Compound (No Br, Sb)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: PowerDI
®5
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.094 grams (approximate)
Ordering Information (Note 2)
Part Number
Case
Packaging
PDS560-13
PowerDI
®5
5000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
S560 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last two digits of year (ex: 05 for 2005)
WW = Week code (01 – 53)
K = Factory Designator
YYWWK
S560


Similar Part No. - PDS560_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS560-13 DIODES-PDS560-13 Datasheet
83Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER
DS30480 Rev. 13 - 2
PDS560-13 DIODES-PDS560-13 Datasheet
502Kb / 5P
   5A SCHOTTKY BARRIER RECTIFIER
PDS560 DIODES-PDS560_15 Datasheet
502Kb / 5P
   5A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - PDS560_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS560 DIODES-PDS560_15 Datasheet
502Kb / 5P
   5A SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SS52A FS-SS52A Datasheet
417Kb / 2P
   5A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS540Q DIODES-PDS540Q Datasheet
412Kb / 6P
   5A SCHOTTKY BARRIER RECTIFIER
Rev. 2 - 2 December 2017
PDS540-13 DIODES-PDS540-13_10 Datasheet
106Kb / 5P
   5A SCHOTTKY BARRIER RECTIFIER
DS30482 Rev. 11 - 2
PDS560 DIODES-PDS560 Datasheet
83Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER
DS30480 Rev. 13 - 2
PDS540Q DIODES-PDS540Q_15 Datasheet
223Kb / 5P
   5A SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS540 DIODES-PDS540_15 Datasheet
436Kb / 5P
   5A SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS540 DIODES-PDS540 Datasheet
90Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30482 Rev. 6 - 2
MBRM560 DIODES-MBRM560_1 Datasheet
84Kb / 4P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 5 - 2
SBM540 DIODES-SBM540_2 Datasheet
118Kb / 4P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 7 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com