Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEC11L-42320K-N0020 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PEC11L-42320K-N0020
Description  PEC11L Series - 11 mm Low Profi le Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11L-42320K-N0020 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PEC11L-42320K-N0020 Datasheet HTML 1Page - Bourns Electronic Solutions PEC11L-42320K-N0020 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Push switch option
Compact, low profile
High reliability
Metal bushing/shaft
RoHS compliant*
PEC11L Series - 11 mm Low Profile Encoder
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
**Devices are tested using standard noise reduction filters. For optimum performance, designers should use noise reduction filters in their circuits.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Output ............................................................................................................................................................................................................ 2-bit gray code
Closed Circuit Resistance ................................................................................................................................................................100 milliohms maximum
Contact Rating .............................................................................................................................................................................................. 10 mA @ 5 VDC
Insulation Resistance ....................................................................................................................................................................100 megohms @ 250 VDC
Dielectric Withstanding Voltage
Sea Level ............................................................................................................................................................................................... 300 VAC minimum
Electrical Travel..................................................................................................................................................................................................... Continuous
Contact Bounce (60 RPM)..........................................................................................................................................................................10 ms maximum**
RPM (Operating).............................................................................................................................................................................................. 60 maximum**
Environmental Characteristics
Operating Temperature Range ...................................................................................................................................... -30 °C to +70 °C (-22 °F to +158 °F)
Storage Temperature Range ......................................................................................................................................... -40 °C to +85 °C (-40 °F to +185 °F)
Humidity ............................................................................................................................................................... MIL-STD-202, Method 103B, Condition A
Vibration .......................................................................................................................................................................................................................... 30 G
Contact Bounce............................................................................................................................................... 10~55~10 Hz / 1 min. / Amplitude 1.5 mm
Shock ............................................................................................................................................................................................................................ 100 G
Rotational Life .................................................................................................................................................................................100,000 cycles minimum
IP Rating ..........................................................................................................................................................................................................................IP 40
Mechanical Characteristics
Mechanical Angle .........................................................................................................................................................................................360 ° continuous
Torque
Detent ...............................................................................................................................................................................20-150 gf-cm (0.27 to 2.0 oz-in)
Running ........................................................................................................................................................................ 50 to 200 gf-cm (0.68 to 2.7 oz-in)
Mounting............................................................................................................................................................................... 70 N-cm (6.2 lb-in) maximum
Shaft Side Load (Static)................................................................................................................................................................ 2.04 kgf (4.5 lbs) minimum
Shaft Strength (Push-Pull) ..............................................................................................................................................................................100 N (22.5 lbs)
Weight ............................................................................................................................................................................................. 5 gm (0.17 oz) maximum
Terminals ................................................................................................................................................................................ Printed circuit board terminals
Soldering Condition
Wave Soldering........................................................................... Sn95.5/Ag2.8/Cu0.7 solder with no-clean flux: 260 °C ±5 °C max. for 3-5 seconds
Hand Soldering.................................................................................................................................................................................Not recommended
Hardware ...................................................................................................................... One flat washer and one mounting nut supplied with each encoder
Switch Characteristics
Switch Type ................................................................................................................................................................... Contact Push ON Momentary SPST
Switch Life.........................................................................................................................................................................................20,000 cycles minimum
Power Rating (Resistive Load) ..................................................................................................................................................................... 10 mA at 5 V DC
Switch Travel ......................................................................................................................................................................................................0.5 ± 0.3 mm
Switch Actuation Force ...................................................................................................................................................... 610 ± 306 gf (8.47 ± 4.24 oz.-in.)
How To Order
PEC11L - 4 0 20 F - S 0015
Model
Terminal Configuration
4 = PC Pin Horizontal/Rear Facing
Detent Option
0 = No Detents (15, 20 pulses)
1 = 20 Detents (20 pulses)
2 = 30 Detents (15 pulses)
3 = 15 Detents (15 pulses)
Standard Shaft Length
15 = 15.0 mm
20 = 20.0 mm
25 = 25.0 mm
Shaft Style
F = Metal Flatted Shaft
K = Metal Knurled Shaft
Switch Configuration
S = Push Momentary Switch
N = No Switch
Resolution
0015 = 15 Pulses per 360 ° Rotation
0020 = 20 Pulses per 360 ° Rotation


Similar Part No. - PEC11L-42320K-N0020

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11L-4215F-N0015 BOURNS-PEC11L-4215F-N0015 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PEC11L-4215F-N0020 BOURNS-PEC11L-4215F-N0020 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PEC11L-4215F-S0015 BOURNS-PEC11L-4215F-S0015 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PEC11L-4215F-S0020 BOURNS-PEC11L-4215F-S0020 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PEC11L-4215K-N0015 BOURNS-PEC11L-4215K-N0015 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
More results

Similar Description - PEC11L-42320K-N0020

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
   Low Profi le SMT Encoder Switches with 8 Sections
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
logo
Panasonic Semiconductor
ELT5KT220L PANASONIC-ELT5KT220L Datasheet
92Kb / 2P
   Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
logo
Bourns Electronic Solut...
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Panasonic Semiconductor
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com