Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5021-TAPY Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA5021-TAPY
Description  Low Current Consumption: IVDD < 25 關A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5021-TAPY Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA5021-TAPY Datasheet HTML 4Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 5Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 6Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 7Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 8Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 9Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 10Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 11Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
9145D–AUTO–05/10
ATA5021
4.
State Diagram
The kernel of the watchdog is a finite state machine. Figure 4-1 shows the state diagram with all
possible states and transmissions. Many transmissions are controlled by an internal timer. The
numbers for the time-outs are the same as on the pulse diagrams.
Figure 4-1.
State Diagram of the Finite State Machine
Short
Window
Enable
State
Short
Window
Disable
State
Long
Window
Disable
State
Long
Window
Disable
State
2. wedge is the detection of a signal edge on the wake-up pin after the deboucing time
3. trg_ok is valid for once cycle after the rising edge on trg_d
4. trg_err is valid if the low period of trg_d is too long
1. mode_d and trg_d are the debounced signals of the MODE and TRG pins
Notes:
Reset
Out
State
Mode
Switch
State
Reset
State
time-out t0
mode_d = 0
mode_d = 1
mode_d = 1
mode_d = 0
mode_d = 0
trg_ok
trg_d = 0
OR wedge
trg_ok
trg_d = 0
time-out t2
time-out t3
OR trg_err
time-out t5
OR trg_err
OR wedge
time-out t4
time-out t1
time-out t6


Similar Part No. - ATA5021-TAPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5275 ATMEL-ATA5275 Datasheet
324Kb / 16P
   125 kHz TRANSMITTER IC FOR TPM
ATA5275-PGQ ATMEL-ATA5275-PGQ Datasheet
324Kb / 16P
   125 kHz TRANSMITTER IC FOR TPM
ATA5276 ATMEL-ATA5276 Datasheet
398Kb / 18P
   125 kHz Transmitter IC for TPM
ATA5277 ATMEL-ATA5277 Datasheet
330Kb / 20P
   STAND-ALONE ANTENNA DRIVER
ATA5278 ATMEL-ATA5278 Datasheet
484Kb / 33P
   STAND-ALONE ANTENNA DRIVER
More results

Similar Description - ATA5021-TAPY

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7469 INFINEON-TLE7469_08 Datasheet
284Kb / 21P
   Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Rev. 1.6, 2008-01-22
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com