Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCX143TH Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DCX143TH
Description  COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX143TH Datasheet(HTML) 3 Page - Diodes Incorporated

  DCX143TH Datasheet HTML 1Page - Diodes Incorporated DCX143TH Datasheet HTML 2Page - Diodes Incorporated DCX143TH Datasheet HTML 3Page - Diodes Incorporated DCX143TH Datasheet HTML 4Page - Diodes Incorporated DCX143TH Datasheet HTML 5Page - Diodes Incorporated DCX143TH Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS30422 Rev. 3 - 2
3 of 6
www.diodes.com
DCX (xxxx) H
© Diodes Incorporated
Electrical Characteristics PNP Section
@TA = 25°C unless otherwise specified
Characteristic (DCX143TH & DCX114TH only)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
V
IC = -50μA
Collector-Emitter Breakdown Voltage
BVCEO
-50
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
V
IE = -50μA
Collector Cutoff Current
ICBO
-0.5
μA
VCB = -50V
Emitter Cutoff Current
IEBO
-0.5
μA
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
-0.3
V
IC/IB = 2.5mA / 0.25mA
DCX143TH
IC/IB = 1mA / 0.1mA
DCX114TH
DC Current Transfer Ratio
hFE
100
250
600
IC = -1mA, VCE = -5V
Gain-Bandwidth Product*
fT
250
MHz
VCE = -10V, IE = 5mA, f = 100MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
DCX124EH
DCX144EH
DCX143EH
DCX114YH
DCX123JH
DCX114EH
Vl(off)
-0.5
-0.5
-0.5
-0.3
-0.5
-0.5
-1.1
-1.1
-1.1
−1.1
VCC = -5V, IO = -100μA
Input Voltage
DCX124EH
DCX144EH
DCX143EH
DCX114YH
DCX123JH
DCX114EH
Vl(on)
-1.9
-1.9
-1.9
-1.9
-3.0
-3.0
-3.0
-1.4
-1.1
-3.0
V
VO = -0.3V, IO = -5mA
VO = -0.3V, IO = - 2mA
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -1mA
VO = -0.3V, IO = -5mA
VO = -0.3V, IO = -10mA
Output Voltage
DCX124EH
DCX144EH
DCX143EH
DCX114YH
DCX123JH
DCX114EH
VO(on)
-0.1
-0.3
V
IO/Il = -10mA / -0.5mA
IO/Il = -10mA / -0.5mA
IO/Il = -10mA / -0.5mA
IO/Il = -5mA / -0.25mA
IO/Il = -5mA / -0.25mA
IO/Il = -10mA / -0.5mA
Input Current
DCX124EH
DCX144EH
DCX143EH
DCX114YH
DCX123JH
DCX114EH
Il
-0.36
-0.18
-1.8
-0.88
-3.6
-0.88
mA
VI = -5V
Output Current
IO(off)
-0.5
μA
VCC = 50V, VI = 0V
DC Current Gain
DCX124EH
DCX144EH
DCX143EH
DCX114YH
DCX123JH
DCX114EH
Gl
56
68
20
68
80
30
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -10mA
VO = -5V, IO = -10mA
VO = -5V, IO = -10mA
VO = -5V, IO = -5mA
Gain-Bandwidth Product*
fT
250
MHz VCE = -10V, IE = -5mA, f = 100MHz
* Transistor - For Reference Only


Similar Part No. - DCX143TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX143TH DIODES-DCX143TH Datasheet
99Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX143TH DIODES-DCX143TH Datasheet
107Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX143TH DIODES-DCX143TH Datasheet
311Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL TRANSISTORS in SOT563
Rev. 5 - 2 August 2018
DCX143TH-7 DIODES-DCX143TH-7 Datasheet
107Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX143TH-7 DIODES-DCX143TH-7 Datasheet
311Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL TRANSISTORS in SOT563
Rev. 5 - 2 August 2018
More results

Similar Description - DCX143TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX122LU DIODES-DCX122LU_1 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 5 - 2
DCX122LH DIODES-DCX122LH_1 Datasheet
206Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 3 - 2
DCX122LU-7 DIODES-DCX122LU-7 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DCXLO-R1U DIODES-DCXLO-R1U Datasheet
210Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 5 - 2
DCX124EU DIODES-DCX124EU Datasheet
120Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
DCX124EH DIODES-DCX124EH_1 Datasheet
107Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCXU DIODES-DCXU Datasheet
75Kb / 3P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 1 - 1
DCX122LU DIODES-DCX122LU Datasheet
81Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 3 - 2
DCX122LH DIODES-DCX122LH Datasheet
87Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 2 - 2
DCX124EH DIODES-DCX124EH Datasheet
99Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com