Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS82671SIPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82671SIPR
Description  600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82671SIPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS82671SIPR Datasheet HTML 1Page - Texas Instruments TPS82671SIPR Datasheet HTML 2Page - Texas Instruments TPS82671SIPR Datasheet HTML 3Page - Texas Instruments TPS82671SIPR Datasheet HTML 4Page - Texas Instruments TPS82671SIPR Datasheet HTML 5Page - Texas Instruments TPS82671SIPR Datasheet HTML 6Page - Texas Instruments TPS82671SIPR Datasheet HTML 7Page - Texas Instruments TPS82671SIPR Datasheet HTML 8Page - Texas Instruments TPS82671SIPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS82671
TPS82675
www.ti.com
SLVSAI0 – OCTOBER 2010
THERMAL INFORMATION
TPS8267xSIP
THERMAL METRIC(1)(2)
SIP
UNITS
8 PINS
qJA
Junction-to-ambient (top) thermal resistance
125
Junction-to-ambient (bottom) thermal resistance
70
qJCtop
Junction-to-case (top) thermal resistance
qJB
Junction-to-board thermal resistance
°C/W
yJT
Junction-to-top characterization parameter
yJB
Junction-to-board characterization parameter
qJCbot
Junction-to-case (bottom) thermal resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Thermal data have been measured using TI's 4-layer evaluation board.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Input voltage range
2.3
4.8(1)
V
IO
Output current range
0
600
mA
Additional output capacitance (PFM/PWM operation)
TPS82671 to TPS82675
0
2.5
µF
TPS82677
0
3.5
µF
Additional output capacitance (PWM operation)
0
7
µF
TA
Ambient temperature
–40
+85
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
Operation above 4.8V input voltage for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 1.8V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C;
Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT =
1.8V, EN = 1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IO = 0mA. Device not switching
17
40
mA
IQ
Operating quiescent current
IO = 0mA. PWM operation
5.8
mA
ISD
Shutdown current
EN = GND
0.5
5
mA
UVLO
Undervoltage lockout threshold
2.05
2.1
V
PROTECTION
Thermal shutdown
140
°C
Thermal shutdown hysteresis
10
°C
ILIM
Peak Input Current Limit
1100
mA
Input current limit under short-circuit
ISC
VO shorted to ground
13.5
mA
conditions
ENABLE, MODE
VIH
High-level input voltage
1.0
V
VIL
Low-level input voltage
0.4
V
Ilkg
Input leakage current
Input connected to GND or VIN
0.01
1.5
mA
OSCILLATOR
fSW
Oscillator frequency
IO = 0mA. PWM operation
4.9
5.45
6.0
MHz
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS82671 TPS82675


Similar Part No. - TPS82671SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82671SIPR TI1-TPS82671SIPR Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671SIPR TI1-TPS82671SIPR Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671SIPR TI-TPS82671SIPR Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671SIPR TI1-TPS82671SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671SIPR TI1-TPS82671SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Similar Description - TPS82671SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com