Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QM036D106MAT2A Datasheet(PDF) 1 Page - AVX Corporation

Part # QM036D106MAT2A
Description  QM series ??vertical electrodes, reduces low frequency (audio) noise
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

QM036D106MAT2A Datasheet(HTML) 1 Page - AVX Corporation

  QM036D106MAT2A Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision: 09/28/2010
EIA 0603
Dimension
Length (L)
Width (W)
Thickness (T)
mm
1.6±0.2
0.8±0.2
0.8±0.2
III. PERFORMANCE CHARACTERISTICS
Capacitance Value
10 µF
Capacitance Tolerance
M= ±20%
Voltage Rating
6.3 VDC
Operating Temp. Range
-55°C to +85°C
Temperature Characteristic
+/-15% (X5R)
Dissipation Factor
12.5% max
Insulation Resistance
10000MΩ or 500MΩ·µF min
(charge device with rated voltage for 60 ±5 sec @ room temp/humidity)
Test Frequency
1 kHz +/- 10% @ 0.5 +/-0.2 Vrms
Terminations
Nickel Barrier; 100% tin
I. PART NUMBER
QM036D106MAT2A
II. MECHANICAL DIMENSION
AVX MLCC PRODUCTS
QM series
– vertical electrodes, reduces low
frequency (audio) noise


Similar Part No. - QM036D106MAT2A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
QM03N65D VBSEMI-QM03N65D Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - QM036D106MAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
QM054D226MAT2A AVX-QM054D226MAT2A Datasheet
85Kb / 1P
   QM series ??vertical electrodes, reduces low frequency (audio) noise
QM05YD106KAT2A AVX-QM05YD106KAT2A Datasheet
85Kb / 1P
   QM series ??vertical electrodes, reduces low frequency (audio) noise
logo
Fairchild Semiconductor
KSA992 FAIRCHILD-KSA992 Datasheet
46Kb / 5P
   Audio Frequency Low Noise Amplifier
KSC2784 FAIRCHILD-KSC2784 Datasheet
46Kb / 4P
   Audio Frequency Low Noise Amplifier
KSC1845 FAIRCHILD-KSC1845 Datasheet
49Kb / 5P
   Audio Frequency Low Noise Amplifier
KSA992FTA FAIRCHILD-KSA992FTA Datasheet
52Kb / 5P
   Audio Frequency Low Noise Amplifier
FJV992 FAIRCHILD-FJV992 Datasheet
74Kb / 5P
   Audio Frequency Low Noise Amplifier
logo
ON Semiconductor
FJV992 ONSEMI-FJV992 Datasheet
189Kb / 7P
   Audio Frequency Low Noise Amplifier
Rev. C, August 2004
logo
Fairchild Semiconductor
KSC1845FTA FAIRCHILD-KSC1845FTA Datasheet
55Kb / 5P
   Audio Frequency Low Noise Amplifier
logo
Toshiba Semiconductor
2SA1312 TOSHIBA-2SA1312_07 Datasheet
622Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com