Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTD133HU Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTD133HU
Description  NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTD133HU Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTD133HU Datasheet HTML 1Page - Diodes Incorporated DDTD133HU Datasheet HTML 2Page - Diodes Incorporated DDTD133HU Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information (Note 4 & 5)
DS30382 Rev. 7 - 2
3 of 3
www.diodes.com
DDTD (xxxx) U
© Diodes Incorporated
Device
Packaging
Shipping
DDTD113EU-7-F
SOT-323
3000/Tape & Reel
DDTD123EU-7-F
SOT-323
3000/Tape & Reel
DDTD143EU-7-F
SOT-323
3000/Tape & Reel
DDTD114EU-7-F
SOT-323
3000/Tape & Reel
DDTD122JU-7-F
SOT-323
3000/Tape & Reel
DDTD113ZU-7-F
SOT-323
3000/Tape & Reel
SOT-323
3000/Tape & Reel
DDTD123YU-7-F
SOT-323
3000/Tape & Reel
DDTD133HU-7-F
SOT-323
3000/Tape & Reel
DDTD123TU-7-F
SOT-323
3000/Tape & Reel
DDTD143TU-7-F
SOT-323
3000/Tape & Reel
DDTD114TU-7-F
SOT-323
3000/Tape & Reel
DDTD114GU-7-F
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
NXX
NXX = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
Date Code Key
Year
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.


Similar Part No. - DDTD133HU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD133HU DIODES-DDTD133HU Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
DDTD133HU-7 DIODES-DDTD133HU-7 Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
More results

Similar Description - DDTD133HU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD122LU DIODES-DDTD122LU_2 Datasheet
116Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30398 Rev. 6 - 2
DDTDC DIODES-DDTDC Datasheet
352Kb / 5P
   NPN PRE-BIASED 500 MA SURFACE MOUNT TRANSISTOR
Rev. 8 - 2 July 2021
DDTD122LC DIODES-DDTD122LC_1 Datasheet
116Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30399 Rev. 6 - 2
DDTD(LO-R1)C DIODES-DDTD(LO-R1)C Datasheet
116Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DDTDXXXXC DIODES-DDTDXXXXC Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTD122LC DIODES-DDTD122LC Datasheet
75Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTD113EU DIODES-DDTD113EU Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
DDTDXXXXU DIODES-DDTDXXXXU Datasheet
69Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 2 - 2
DDTD122LU DIODES-DDTD122LU_1 Datasheet
79Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 5 - 2
DDTB122LU DIODES-DDTB122LU_2 Datasheet
115Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30400 Rev. 6 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com