Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6460 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 1 Page - STMicroelectronics

  L6460 Datasheet HTML 1Page - STMicroelectronics L6460 Datasheet HTML 2Page - STMicroelectronics L6460 Datasheet HTML 3Page - STMicroelectronics L6460 Datasheet HTML 4Page - STMicroelectronics L6460 Datasheet HTML 5Page - STMicroelectronics L6460 Datasheet HTML 6Page - STMicroelectronics L6460 Datasheet HTML 7Page - STMicroelectronics L6460 Datasheet HTML 8Page - STMicroelectronics L6460 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 139 page
background image
July 2010
Doc ID 17713 Rev 1
1/139
139
L6460
SPI configurable stepper and DC multi motor driver
Features
Operating supply voltage from 13 V to 38 V
4 full bridge driver configurable in multi-motor
application to drive:
– 2 DC and 1 stepper motor
–4 DC motor
Bridge 1 and 2 (RDSon = 0.60 Ω) can be
configured to work as:
– Dual full bridge driver
– Super DC driver
– 2 half bridge driver
– 1 super half bridge
–2 power switches
– 1 super power switch
Bridge 3 and 4 (RDSon = 0.85 Ω) can be
configured to work as:
– Same as bridges 1 and 2, listed above
– Stepper motor driver: up to 1/16
microstepping
– 2 buck regulators (bridge 3)
– 1 super buck regulator
– Battery charger (bridge 4)
Power supply management
– One switching buck regulator
– One switching regulator controller
– One linear regulator
– One battery charger
Fully protected through
– Thermal warning and shutdown
– Overcurrent protection
– Undervoltage lock-out
SPI interface
Programmable watchdog function
Integrated power sequencing and supervisory
functions with fault signaling through serial
interface and external reset pin
Very low power dissipation in shut-down mode
(~35 mW)
Auxiliary features
– Multi-channels 9 bit ADC
– 2 operational amplifiers
– Digital comparator
– 2 low voltage power switches
– 3 general purpose PWM generators
–14 GPIOs
Description
The L6460 is optimized to control and drive multi-
motor system providing a unique level of
integration in term of control, power and auxiliary
features. Thanks to the high configurability L6460
can be customized to drive different motor
architectures and to optimize the number of
embedded features, such as the voltage
regulators, the high precision A/D converter, the
operational amplifier and the voltage
comparators. The possibility to drive
simultaneously stepper and DC motor makes
L6460 the ideal solution for all the application
featuring multi motors.
Table 1.
Device summary
Order code
Package
Packing
L6460
TQFP64
Tray
L6460TR
Tape and reel
TQFP64 exposed pad
www.st.com


Similar Part No. - L6460

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L6402 GILWAY-L6402 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L6402 GILWAY-L6402 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
logo
Advanced Micro Devices
L6402MH10RI AMD-L6402MH10RI Datasheet
932Kb / 57P
   128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O??Control
L6402ML11RI AMD-L6402ML11RI Datasheet
932Kb / 57P
   128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O??Control
logo
Gilway Technical Lamp
L6405 GILWAY-L6405 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
More results

Similar Description - L6460

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3989_V ALLEGRO-A3989_V Datasheet
382Kb / 13P
   Bipolar Stepper and High Current DC Motor Driver
A5989 ALLEGRO-A5989 Datasheet
775Kb / 14P
   Bipolar Stepper and High-Current DC Motor Driver
A3989 ALLEGRO-A3989 Datasheet
1Mb / 12P
   Bipolar Stepper and High Current DC Motor Driver
A3906 ALLEGRO-A3906_16 Datasheet
274Kb / 10P
   Low Voltage Stepper and Single/Dual DC Motor Driver
A3906 ALLEGRO-A3906 Datasheet
319Kb / 10P
   Low Voltage Stepper and Single/Dual DC Motor Driver
logo
List of Unclassifed Man...
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com