Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB2600L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # TB2600L
Description  30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TB2600L Datasheet(HTML) 2 Page - Diodes Incorporated

  TB2600L Datasheet HTML 1Page - Diodes Incorporated TB2600L Datasheet HTML 2Page - Diodes Incorporated TB2600L Datasheet HTML 3Page - Diodes Incorporated TB2600L Datasheet HTML 4Page - Diodes Incorporated TB2600L Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TB0640L - TB3500L
Document number: DS30359 Rev. 8 - 2
2 of 5
www.diodes.com
September 2010
© Diodes Incorporated
TB0640L - TB3500L
Electrical Characteristics @TA = 25°C unless otherwise specified
Part Number
Maximum
Rated
Repetitive
Off-State
Voltage
Maximum
Off-State
Leakage
Current @
VDRM
Maximum
Breakover
Voltage
Maximum
On-State
Voltage
@ IT = 1A
Breakover Current
IBO
Holding Current
IH
Typical
Off-State
Capacitance
Marking
Code
VDRM (V)
IDRM (uA)
VBO (V)
VT (V)
Min
(mA)
Max
(mA)
Min
(mA)
Max
(mA)
CO (pF)
TB0640L
58
5
77
3.5
50
800
150
800
100
T064L
TB0720L
65
5
88
3.5
50
800
150
800
100
T072L
TB0900L
75
5
98
3.5
50
800
150
800
100
T090L
TB1100L
90
5
130
3.5
50
800
150
800
60
T110L
TB1300L
120
5
160
3.5
50
800
150
800
60
T130L
TB1500L
140
5
180
3.5
50
800
150
800
60
T150L
TB1800L
160
5
220
3.5
50
800
150
800
60
T180L
TB2300L
190
5
265
3.5
50
800
150
800
40
T230L
TB2600L
220
5
300
3.5
50
800
150
800
40
T260L
TB3100L
275
5
350
3.5
50
800
150
800
40
T310L
TB3500L
320
5
400
3.5
50
800
150
800
40
T350L
Symbol
Parameter
VDRM
Stand-off Voltage
IDRM
Leakage current at stand-off voltage
VBR
Breakdown voltage
IBR
Breakdown current
VBO
Breakover voltage
IBO
Breakover current
IH
Holding current
Note 3
VT
On state voltage
IPP
Peak pulse current
CO
Off-state capacitance
Note 4
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/quality/lead_free.html.
2. Product manufactured with Data Code 0924 (week 24, 2009) and newer are built with Green Molding Compound.
3. IH > (VL/RL) If this criterion is not obeyed, the TSPD triggers but does not return correctly to high-resistance state. The surge recovery time does not
exceed 30ms.
4. Off-state capacitance measured at f = 1.0MHz, 1.0VRMS signal, VR = 2VDC bias.
I
BO
V
BR
V
DRM
V
T
V
BO
IH
I
V
IBR
I
DRM
IPP


Similar Part No. - TB2600L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB2600L DIODES-TB2600L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
logo
Lite-On Technology Corp...
TB2600L LITEON-TB2600L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB2600L DIODES-TB2600L Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
logo
SUNMATE electronic Co.,...
TB2600L SUNMATE-TB2600L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Diodes Incorporated
TB2600L-13 DIODES-TB2600L-13 Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
More results

Similar Description - TB2600L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0640H DIODES-TB0640H_10 Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com