Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCX114TK Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DCX114TK
Description  DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX114TK Datasheet(HTML) 2 Page - Diodes Incorporated

  DCX114TK Datasheet HTML 1Page - Diodes Incorporated DCX114TK Datasheet HTML 2Page - Diodes Incorporated DCX114TK Datasheet HTML 3Page - Diodes Incorporated DCX114TK Datasheet HTML 4Page - Diodes Incorporated DCX114TK Datasheet HTML 5Page - Diodes Incorporated DCX114TK Datasheet HTML 6Page - Diodes Incorporated DCX114TK Datasheet HTML 7Page - Diodes Incorporated DCX114TK Datasheet HTML 8Page - Diodes Incorporated DCX114TK Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DCX (xxxx) K
Document number: DS30350 Rev. 6 - 2
2 of 12
www.diodes.com
October 2008
© Diodes Incorporated
DCX (xxxx) K
Maximum Ratings PNP Section @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
50
V
Input Voltage
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
DCX115EK
DCX143TK
DCX114TK
VIN
+10 to –40
+10 to –40
+6 to –40
+5 to –12
+10 to –40
+10 to –40
+5V max
+5V max
V
Output Current
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
DCX115EK
DCX143TK
DCX114TK
IO
-30
-30
-70
-100
-50
-20
-100
-100
mA
Output Current
All
IC(MAX)
-100
mA
Thermal Characteristics PNP Section
Characteristic
Symbol
Value
Unit
Power Dissipation (Total)
(Note 4)
PD
300
mW
Thermal Resistance, Junction to Ambient Air
(Note 4)
RθJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics NPN Section @TA = 25°C unless otherwise specified
Characteristic (DDC143TK & DDC114TK only)
Symbol
Min
Typ Max Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 50μA
Collector-Emitter Breakdown Voltage
BVCEO
50
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
−−
V
IE = 50μA
Collector Cutoff Current
ICBO
0.5
μA VCB = 50V
Emitter Cutoff Current
IEBO
0.5
μA VEB = 4V
Collector-Emitter Saturation Voltage
VCE(SAT)
0.3
V
IC/IB = 2.5mA / 0.25mA – DCX143TK
IC/IB = 1mA / 0.1mA – DCX114TK
DC Current Transfer Ratio
hFE
100
250
600
⎯ IC = 1mA, VCE = 5V
Input Resistor (R1) Tolerance
ΔR1
-30
+30
%
Gain-Bandwidth Product*
fT
250
⎯ MHz VCE = 10V, IE = -5mA, f = 100MHz
* Transistor - For Reference Only


Similar Part No. - DCX114TK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX114TK DIODES-DCX114TK Datasheet
119Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
DS30350 Rev. 2 - 2
DCX114TK DIODES-DCX114TK Datasheet
181Kb / 11P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
DS30350 Rev. 5 - 2
DCX114TK DIODES-DCX114TK Datasheet
380Kb / 12P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
DCX114TK DIODES-DCX114TK Datasheet
593Kb / 13P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR IN SOT26
Rev. 7 - 2 September 2021
DCX114TK-7 DIODES-DCX114TK-7 Datasheet
119Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
DS30350 Rev. 2 - 2
More results

Similar Description - DCX114TK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX124EK-7-F DIODES-DCX124EK-7-F Datasheet
380Kb / 12P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
ACX124EUQ DIODES-ACX124EUQ Datasheet
451Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 3 - 2 March 2017
DCXXXXXK DIODES-DCXXXXXK Datasheet
593Kb / 13P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR IN SOT26
Rev. 7 - 2 September 2021
ACX143ZUQ DIODES-ACX143ZUQ Datasheet
397Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 September 2017
DCX124EU DIODES-DCX124EU_2 Datasheet
400Kb / 12P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 11 - 2
DCXXXXXU DIODES-DCXXXXXU Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
UMC5N DIODES-UMC5N Datasheet
290Kb / 4P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
UMC5NQ DIODES-UMC5NQ Datasheet
436Kb / 6P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
February 2017 Rev. 1 - 2
DCX124EU DIODES-DCX124EU_1 Datasheet
618Kb / 11P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 8 - 2
ACX114EUQ DIODES-ACX114EUQ Datasheet
427Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 1 - 2 September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com