Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCX124EU Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DCX124EU
Description  SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX124EU Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button DCX124EU_2 Datasheet HTML 3Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 4Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 5Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 6Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 7Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 8Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 9Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 10Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Curves – DCX123JU
NPN Section (Continued)
0.1
1
10
010
20
30
40
I , COLLECTOR CURRENT (mA)
Fig. 11 Typical Input Voltage vs. Collector Current
C
50
Typical Curves – DCX143EU
PNP Section
I , COLLECTOR CURRENT (mA)
Fig. 13 Typical DC Current Gain
C
V
, COLLECTOR EMITTER VOLTAGE (V)
Fig. 12 Typical V
vs. I
CE
CE
C
I = 0.5mA
b
I = 1mA
b
I = 4.5mA
b
I = 3.5mA
b
I = 3mA
b
I = 2.5mA
b
I = 1.5mA
b
I = 2mA
b
I = 4mA
b
DS30347 Rev. 11 - 2
7 of 12
www.diodes.com
DCX (xxxx) U
© Diodes Incorporated
I , COLLECTOR CURRENT (mA)
Fig. 14 Typical V
vs. I
C
CE(SAT)
C
I/I = 10
CB
I , COLLECTOR CURRENT (mA)
Fig. 15 Typical V
vs. I
C
BE
C


Similar Part No. - DCX124EU_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX124EU-7 DIODES-DCX124EU-7 Datasheet
120Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
DCX124EU-7-F DIODES-DCX124EU-7-F Datasheet
618Kb / 11P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 8 - 2
DCX124EU-7-F DIODES-DCX124EU-7-F Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
DCX124EUQ-13-F DIODES-DCX124EUQ-13-F Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
DCX124EUQ-13R-F DIODES-DCX124EUQ-13R-F Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
More results

Similar Description - DCX124EU_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ACX124EUQ DIODES-ACX124EUQ Datasheet
451Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 3 - 2 March 2017
ACX143ZUQ DIODES-ACX143ZUQ Datasheet
397Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 September 2017
DCXXXXXU DIODES-DCXXXXXU Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
DCX124EU DIODES-DCX124EU_1 Datasheet
618Kb / 11P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 8 - 2
ACX114EUQ DIODES-ACX114EUQ Datasheet
427Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 1 - 2 September 2017
ACX114YUQ DIODES-ACX114YUQ Datasheet
434Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 January 2017
DCX122LU DIODES-DCX122LU_1 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 5 - 2
DCX122LH DIODES-DCX122LH_1 Datasheet
206Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 3 - 2
DCX122LU-7 DIODES-DCX122LU-7 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DCX124EH DIODES-DCX124EH_2 Datasheet
240Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com