Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTA115TCA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTA115TCA
Description  PNP PRE-BIASED SMALL SIGNAL SOT-23
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA115TCA Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTA115TCA Datasheet HTML 1Page - Diodes Incorporated DDTA115TCA Datasheet HTML 2Page - Diodes Incorporated DDTA115TCA Datasheet HTML 3Page - Diodes Incorporated DDTA115TCA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30335 Rev. 6 - 2
3 of 4
www.diodes.com
DDTA (R1-ONLY SERIES) CA
© Diodes Incorporated
Typical Curves – DDTA114TCA
-50
050
100
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Derating Curve
A
°
150
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
Fig. 2 V
vs. I
C
CE(SAT)
C
10
1,000
100
1
110
100
I , COLLECTOR CURRENT (mA)
Fig. 3 DC Current Gain
C
0
6
12
0
20
30
V , REVERSE BIAS VOLTAGE (V)
Fig. 4 Output Capacitance
R
10
5
15
25
10
8
4
2
I = 0V
E
0.01
0.1
1
10
100
01
2
34
89
10
V , INPUT VOLTAGE (V)
Fig. 5 Collector Current Vs. Input Voltage
in
5
67
0.001
1
1
10
0
10
203040
I , COLLECTOR CURRENT (mA)
Fig. 6 Input Voltage vs. Collector Current
C
50


Similar Part No. - DDTA115TCA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA115TCA DIODES-DDTA115TCA Datasheet
66Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30335 Rev. 2 - 2
DDTA115TCA DIODES-DDTA115TCA Datasheet
445Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30335 Rev. 5 - 2
DDTA115TCA DIODES-DDTA115TCA Datasheet
307Kb / 5P
   PNP PRE-BIASED TRANSISTOR IN SOT23
Rev. 7 - 2 June 2021
DDTA115TCA-7 DIODES-DDTA115TCA-7 Datasheet
66Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30335 Rev. 2 - 2
DDTA115TCA-7-F DIODES-DDTA115TCA-7-F Datasheet
445Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30335 Rev. 5 - 2
More results

Similar Description - DDTA115TCA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA113ZCA DIODES-DDTA113ZCA_2 Datasheet
133Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30334 Rev. 7 - 2
DDTA123ECA DIODES-DDTA123ECA_2 Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
Rev. 7 - 2
DDTA114GCA DIODES-DDTA114GCA_2 Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30336 Rev. 7 - 2
DDTC114GCA DIODES-DDTC114GCA_2 Datasheet
124Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 6 - 2
DDTC113TCA DIODES-DDTC113TCA_2 Datasheet
123Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 6 - 2
DDTC123ECA DIODES-DDTC123ECA_2 Datasheet
120Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 9 - 2
DDTAXXXXCA DIODES-DDTAXXXXCA Datasheet
188Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 2 - 2
DDTA113TCA DIODES-DDTA113TCA_1 Datasheet
445Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30335 Rev. 5 - 2
DDTA113ZCA DIODES-DDTA113ZCA_1 Datasheet
92Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30334 Rev. 6 - 2
DDTA114GCA DIODES-DDTA114GCA_1 Datasheet
92Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com