Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTC125TCA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC125TCA
Description  NPN PRE-BIASED SMALL SIGNAL SOT-23
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC125TCA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC125TCA Datasheet HTML 1Page - Diodes Incorporated DDTC125TCA Datasheet HTML 2Page - Diodes Incorporated DDTC125TCA Datasheet HTML 3Page - Diodes Incorporated DDTC125TCA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30331 Rev. 6 - 2
2 of 4
www.diodes.com
DDTC (R1-ONLY SERIES) CA
© Diodes Incorporated
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 50μA
Collector-Emitter Breakdown Voltage
BVCEO
50
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
V
IE = 50μA
Collector Cutoff Current
ICBO
0.5
μA VCB = 50V
Emitter Cutoff Current
IEBO
0.5
μA VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
0.3
V
IC/IB = 10mA/1mA
DDTC113TCA
IC/IB = 5mA/0.5mA
DDTC123TCA
IC/IB = 2.5mA/.25mA DDTC143TCA
IC/IB = 1mA/.1mA
DDTC114TCA
IC/IB = 5mA/0.5mA
DDTC124TCA
IC/IB = 2.5mA/.25mA DDTC144TCA
IC/IB = 1mA/0.1mA
DDTC115TCA
IC/IB = .5mA/.05mA
DDTC125TCA
DC Current Transfer Ratio
hFE
100
250
600
IC = 1mA, VCE = 5V
Input Resistor (R1) Tolerance
ΔR1
-30
+30
%
Gain-Bandwidth Product*
fT
250
MHz
VCE = 10V, IE = -5mA,
f = 100MHz
* Transistor - For Reference Only


Similar Part No. - DDTC125TCA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC125TCA DIODES-DDTC125TCA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30331 Rev. 2 - 2
DDTC125TCA DIODES-DDTC125TCA Datasheet
446Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30331 Rev. 5 - 2
DDTC125TCA DIODES-DDTC125TCA Datasheet
305Kb / 5P
   NPN PRE-BIASED TRANSISTOR IN SOT23
Rev. 10 - 2 June 2021
DDTC125TCA-7 DIODES-DDTC125TCA-7 Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30331 Rev. 2 - 2
DDTC125TCA-7-F DIODES-DDTC125TCA-7-F Datasheet
446Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30331 Rev. 5 - 2
More results

Similar Description - DDTC125TCA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC114GCA DIODES-DDTC114GCA_2 Datasheet
124Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 6 - 2
DDTC123ECA DIODES-DDTC123ECA_2 Datasheet
120Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 9 - 2
DDTA113ZCA DIODES-DDTA113ZCA_2 Datasheet
133Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30334 Rev. 7 - 2
DDTA123ECA DIODES-DDTA123ECA_2 Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
Rev. 7 - 2
DDTA113TCA DIODES-DDTA113TCA_2 Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30335 Rev. 6 - 2
DDTA114GCA DIODES-DDTA114GCA_2 Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30336 Rev. 7 - 2
DDTC113TCA DIODES-DDTC113TCA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30331 Rev. 2 - 2
DDTC113ZCA DIODES-DDTC113ZCA Datasheet
72Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30330 Rev. 2 - 2
DDTC123ECA DIODES-DDTC123ECA_1 Datasheet
75Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30329 Rev. 8 - 2
DDTC123ECA DIODES-DDTC123ECA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30329 Rev. 3 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com