Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBM540 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBM540
Description  5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBM540 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBM540_2 Datasheet HTML 1Page - Diodes Incorporated SBM540_2 Datasheet HTML 2Page - Diodes Incorporated SBM540_2 Datasheet HTML 3Page - Diodes Incorporated SBM540_2 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30297 Rev. 7 - 2
2 of 4
www.diodes.com
SBM540
© Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN
USE PDS540
0.01
0.1
1.0
10
100
0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0.2
0.4
0.6
0.8
0
510
15
20
25
30
35
40
V
INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R,
100
10
1.0
0.1
0.01
0.001
T = 25°C
J
T = 75°C
J
T = 100°C
J
T = 125°C
J
0
25
50
75
100
125
110
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
10
100
1000
0.1
110
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance
vs. Reverse Voltage
R


Similar Part No. - SBM540_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBM540-13 DIODES-SBM540-13 Datasheet
71Kb / 3P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30297 Rev. 3 - 2
SBM540-13-F DIODES-SBM540-13-F Datasheet
389Kb / 3P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30297 Rev. 6 - 2
SBM540 DIODES-SBM540_1 Datasheet
389Kb / 3P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30297 Rev. 6 - 2
More results

Similar Description - SBM540_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM560 DIODES-MBRM560_1 Datasheet
84Kb / 4P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 5 - 2
logo
Unisonic Technologies
B540C UTC-B540C Datasheet
103Kb / 3P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBM540 DIODES-SBM540 Datasheet
71Kb / 3P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30297 Rev. 3 - 2
MBRM560 DIODES-MBRM560 Datasheet
65Kb / 3P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 2 - 2
logo
Unisonic Technologies
B560C UTC-B560C Datasheet
103Kb / 3P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRM560 DIODES-MBRM560_2 Datasheet
120Kb / 4P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 6 - 2
SBM540 DIODES-SBM540_1 Datasheet
389Kb / 3P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30297 Rev. 6 - 2
logo
Chip Integration Techno...
SK52B CITC-SK52B Datasheet
460Kb / 3P
   5A Surface Mount Schottky Barrier Rectifiers
SK54MAFG CITC-SK54MAFG Datasheet
505Kb / 4P
   5A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK52 FRONTIER-SK52 Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com