Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11880 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB11880
Description  Three-Phase Sensorless Motor Driver with Loading Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11880 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB11880 Datasheet HTML 1Page - Sanyo Semicon Device LB11880 Datasheet HTML 2Page - Sanyo Semicon Device LB11880 Datasheet HTML 3Page - Sanyo Semicon Device LB11880 Datasheet HTML 4Page - Sanyo Semicon Device LB11880 Datasheet HTML 5Page - Sanyo Semicon Device LB11880 Datasheet HTML 6Page - Sanyo Semicon Device LB11880 Datasheet HTML 7Page - Sanyo Semicon Device LB11880 Datasheet HTML 8Page - Sanyo Semicon Device LB11880 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ordering number : ENN6470
52600RM (OT) No. 6470-1/9
Overview
The LB11880 is a sensorless motor driver that also
includes a loading motor driver. It is ideal for drum motor
drive in VCR products.
Functions and Features
• Soft switching drive
• No Hall sensors required
• No FG sensors required
• Built-in PG amplifier
• Built-in thermal shutdown circuit
• Current limiter circuit
• On-chip loading motor driver
Package Dimensions
unit: mm
3196A-DIP30SD
(1.04)
1.78
0.95
0.48
115
30
16
27.0
SANYO: DIP30SD
[LB11880]
LB11880
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Three-Phase Sensorless Motor Driver with
Loading Motor Driver
Monolithic Digital IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
VCC max
14.5
V
Maximum supply voltage 2
VCCL max
14.5
V
Maximum supply voltage 3
VREG max
7.0
V
Output voltage
Vomax
14.5
V
Input voltage
VI1max
–0.3 to VREG + 0.3
V
Cylinder current
Iomax
1.0
A
Loading current
Iomax (AVE)
0.4
A
Iomax (peak)
1.2
A
Allowable power dissipation
Pdmax
When mounted on the specified printed circuit board*
2.8
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Note: * Specified printed circuit board: 114.3
× 76.1 × 1.6 mm glass-epoxy board


Similar Part No. - LB11880

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
More results

Similar Description - LB11880

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
   Three-Phase Sensorless Motor Driver
LB1950V SANYO-LB1950V Datasheet
190Kb / 9P
   Three-Phase Brushless Sensorless Motor Driver
LB1885M SANYO-LB1885M Datasheet
145Kb / 5P
   Three-Phase Bipolar Brushless/Sensorless Motor Driver
LB1989 SANYO-LB1989 Datasheet
117Kb / 9P
   Three-Phase Sensorless VCR Drum Motor Driver
logo
Diodes Incorporated
AM9800 DIODES-AM9800 Datasheet
563Kb / 11P
   Three Phase Direct PWM Sensorless Motor Driver
logo
ON Semiconductor
LV8850GA ONSEMI-LV8850GA Datasheet
287Kb / 14P
   Three-Phase sensorless FAN Motor Pre-Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com