Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK10N512VLF150R Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MK10N512VLF150R
Description  K10 Sub-Family Data Sheet
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK10N512VLF150R Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MK10N512VLF150R Datasheet HTML 1Page - Freescale Semiconductor, Inc MK10N512VLF150R Datasheet HTML 2Page - Freescale Semiconductor, Inc MK10N512VLF150R Datasheet HTML 3Page - Freescale Semiconductor, Inc MK10N512VLF150R Datasheet HTML 4Page - Freescale Semiconductor, Inc MK10N512VLF150R Datasheet HTML 5Page - Freescale Semiconductor, Inc MK10N512VLF150R Datasheet HTML 6Page - Freescale Semiconductor, Inc MK10N512VLF150R Datasheet HTML 7Page - Freescale Semiconductor, Inc MK10N512VLF150R Datasheet HTML 8Page - Freescale Semiconductor, Inc MK10N512VLF150R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
1 Ordering parts
1.1 Determining valid orderable parts
Valid orderable part numbers are provided on the web. To determine the orderable part
numbers for this device, go to www.freescale.com and perform a part number search for
the following device numbers: PK10 and MK10.
2 Part identification
2.1 Description
Part numbers for the chip have fields that identify the specific part. You can use the
values of these fields to determine the specific part you have received.
2.2 Format
Part numbers for this device have the following format:
Q K## M FFF T PP CCC N
2.3 Fields
This table lists the possible values for each field in the part number (not all combinations
are valid):
Field
Description
Values
Q
Qualification status
• M = Fully qualified, general market flow
• P = Prequalification
K##
Kinetis family
• K10
M
Flash memory type
• N = Program flash only
• X = Program flash and FlexMemory
Table continues on the next page...
Ordering parts
K10 Sub-Family Data Sheet Data Sheet, Rev. 1, 11/2010.
4
Preliminary
Freescale Semiconductor, Inc.


Similar Part No. - MK10N512VLF150R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK10N512VLK100 FREESCALE-MK10N512VLK100 Datasheet
1Mb / 64P
   K10 Sub-Family Data Sheet Supports the following Flash write voltage range: 1.71 to 3.6 V
MK10N512VLL100 FREESCALE-MK10N512VLL100 Datasheet
882Kb / 60P
   K10 Sub-Family Data Sheet
MK10N512VLQ100 FREESCALE-MK10N512VLQ100 Datasheet
1Mb / 71P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
MK10N512VLQ100 FREESCALE-MK10N512VLQ100 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results

Similar Description - MK10N512VLF150R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P144M120SF3 FREESCALE-K10P144M120SF3 Datasheet
1Mb / 75P
   K10 Sub-Family Data Sheet
K10P104M100SF2 FREESCALE-K10P104M100SF2 Datasheet
882Kb / 60P
   K10 Sub-Family Data Sheet
K10P144M100SF2_1109 FREESCALE-K10P144M100SF2_1109 Datasheet
1Mb / 70P
   K10 Sub-Family Data Sheet
K10P32M50SF0 FREESCALE-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
logo
NXP Semiconductors
K10P144M120SF3 NXP-K10P144M120SF3 Datasheet
1Mb / 80P
   K10 Sub-Family
Rev. 7, 02/2018
K10P81M100SF2 NXP-K10P81M100SF2 Datasheet
2Mb / 71P
   K10 Sub-Family
Rev. 7, 02/2013
logo
Freescale Semiconductor...
K10P121M100SF2V2 FREESCALE-K10P121M100SF2V2 Datasheet
1Mb / 70P
   K10 Sub-Family
K10P48M50SF0 FREESCALE-K10P48M50SF0 Datasheet
1Mb / 59P
   K10 Sub-Family
K10P100M72SF1 FREESCALE-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com