Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11870 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LB11870
Description  Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11870 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LB11870 Datasheet HTML 6Page - Sanyo Semicon Device LB11870 Datasheet HTML 7Page - Sanyo Semicon Device LB11870 Datasheet HTML 8Page - Sanyo Semicon Device LB11870 Datasheet HTML 9Page - Sanyo Semicon Device LB11870 Datasheet HTML 10Page - Sanyo Semicon Device LB11870 Datasheet HTML 11Page - Sanyo Semicon Device LB11870 Datasheet HTML 12Page - Sanyo Semicon Device LB11870 Datasheet HTML 13Page - Sanyo Semicon Device LB11870 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
No. 7256 -10/14
LB11870
Continued from preceding page.
Pin No.
Pin
Function
Equivalent circuit
Phase lock state detection output.
This output goes to the on state (low level) when the
phase is locked.
29
LD
VREG
29
Start/stop control input
Low: 0 to 1.5 V
High: 3.5 V to VREG
Hysteresis: 0.5 V
Low: start. This pin goes to the high level when open.
32
S/S
VREG
22k
2k
32
Clock input.
Low: 0 to 1.5 V
High: 3.5 V to VREG
Hysteresis: 0.5 V
fCLK = 10 kHz (maximum)
If noise is a problem, use a capacitor to remove that
noise at this input.
33
CLK
VREG
22k
2k
33
Deceleration switching control input.
Low: 0 to 1.5 V
High: 3.5 V to VREG
This pin goes to the high level when open.
Low: reverse torque control, High: free running. An
external Schottky barrier diode is required on the output
low side if reverse torque control is used.
34
BRSEL
VREG
30k
2k
34
RF waveform smoothing.
If noise on the RF waveform is a problem, insert a
capacitor between this pin and ground.
35
PH
VREG
500
35
Continued on next page.


Similar Part No. - LB11870

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11870 ONSEMI-LB11870 Datasheet
197Kb / 14P
   Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
More results

Similar Description - LB11870

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com