Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBZ363C6V4-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TBZ363C6V4-7-F
Description  TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TBZ363C6V4-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  TBZ363C6V4-7-F Datasheet HTML 1Page - Diodes Incorporated TBZ363C6V4-7-F Datasheet HTML 2Page - Diodes Incorporated TBZ363C6V4-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TBZ363C5V5 - TBZ363C20V8
Document number: DS30185 Rev. 15- 2
1 of 3
www.diodes.com
June 2008
© Diodes Incorporated
TBZ363C5V5 - TBZ363C20V8
TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
Features
Nominal Zener Voltages: 5.5V, 6.4V, 7.0V, 20.8V
Ultra-Small Surface Mount Package
Ideal For Transient Suppression
Lead Free/RoHS Compliant (Note 4)
"Green" Device (Note 5 and 6)
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.0061 grams (approximate)
Top View
Device Schematic
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note1)
PD
200
mW
Thermal Resistance, Junction to Ambient Air
(Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Zener Voltage
Range (Note 2)
Maximum Zener Impedance
(Note 3)
Maximum Reverse
Current (Note 2)
Temperature
Coefficient
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
TC (mV/
oC)
Type
Number
Marking
Code
Nom (V)
Min (V)
Max (V)
Ω
mA
Ω
mA
μA
V
Min
Max
TBZ363C5V5
KL1
5.5
5.22
5.78
80
5.0
500
1.0
1.0
2.0
-5.5
-2.2
TBZ363C6V4
KL3
6.4
6.08
6.72
50
5.0
400
1.0
2.0
3.0
-4.0
0.5
TBZ363C7V0
KL5
7.0
6.65
7.35
18
5.0
200
1.0
2.0
4.0
-1.6
1.7
TBZ363C20V8
KV7
20.8
19.76
21.84
58
5.0
225
1.0
0.1
14
12.4
16.0
Notes:
1.
Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
VZ measured @ IZT using a short duration pulse. Standard voltage tolerance is 5%.
3.
f = 1KHz.
4.
No purposefully added lead.
5.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
6.
Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Please click here to visit our online spice models database.


Similar Part No. - TBZ363C6V4-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TBZ363C6V4-7-F DIODES-TBZ363C6V4-7-F Datasheet
61Kb / 2P
   TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
DS30185 Rev. 12 - 2
More results

Similar Description - TBZ363C6V4-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TBZ363C5V5 DIODES-TBZ363C5V5 Datasheet
51Kb / 2P
   TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
DS30185 Rev. 6 - 2
TBZ363C5V5 DIODES-TBZ363C5V5_1 Datasheet
61Kb / 2P
   TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
DS30185 Rev. 12 - 2
TBZ363C5V5 DIODES-TBZ363C5V5_15 Datasheet
108Kb / 3P
   TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
MMBZ5221BTS DIODES-MMBZ5221BTS Datasheet
62Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
BZX84C2V4TS DIODES-BZX84C2V4TS_1 Datasheet
158Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 9 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_08 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
MMBZ5221BTS DIODES-MMBZ5221BTS_08 Datasheet
149Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
BZX84C2V4TS DIODES-BZX84C2V4TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_1 Datasheet
91Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 10 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com