Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11820 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB11820
Description  Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11820 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB11820 Datasheet HTML 1Page - Sanyo Semicon Device LB11820 Datasheet HTML 2Page - Sanyo Semicon Device LB11820 Datasheet HTML 3Page - Sanyo Semicon Device LB11820 Datasheet HTML 4Page - Sanyo Semicon Device LB11820 Datasheet HTML 5Page - Sanyo Semicon Device LB11820 Datasheet HTML 6Page - Sanyo Semicon Device LB11820 Datasheet HTML 7Page - Sanyo Semicon Device LB11820 Datasheet HTML 8Page - Sanyo Semicon Device LB11820 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
No. 7104-2/17
LB11820M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply current 1
ICC1-1
15
20
mA
Supply current 2
ICC1-2
When stopped
2.5
4
mA
[Output Block]
Output voltage 1-1
VOUT1-1
Low level, IO = 400 µA
0.1
0.3
V
Output voltage 1-2
VOUT1-2
Low level, IO = 10 mA
0.8
1.1
V
Output voltage 2
VOUT2
High level, IO = –20 mA
VCC1 – 1.1
VCC1 – 0.9
V
Temperature coefficient 1-1
∆VOUT1-1 Design target value*, low level, IO = 400 µA
0.2
mV / °C
Temperature coefficient 1-2
∆VOUT1-2 Design target value*, low level, IO = 10 mA
–1.5
mV / °C
Temperature coefficient 2
∆VOUT2 Design target value*, high level, IO = –20 mA
1.5
mV / °C
[12 V Voltage Output (12REG pin)]
Output voltage
V12REG
VCC3 = 15 V, IO = –30 mA
11.7
12.1
12.6
V
Line regulation
∆V12REG1 VCC3 = 13.5 to 19 V, IO = –30 mA
150
300
mV
Load regulation
∆V12REG2 IO = –5 to –45 mA, VCC3 = 15 V
100
200
mV
Temperature coefficient
∆V12REG3 Design target value*
2
mV / °C
[5 V Voltage Output (VREG pin)]
Output voltage
VREG
4.7
5.0
5.3
V
Line regulation
∆VREG1 VCC1 = 8 to 13.5 V
40
100
mV
Load regulation
∆VREG2 IO = –5 to –20 mA
5
30
mV
Temperature coefficient
∆VREG3 Design target value*
0
mV / °C
[Hall Amplifier Block]
Input bias current
IHB(HA)
–2
–0.5
µA
Common-mode input voltage range 1
VICM1
When Hall effect devices are used
0.5
VCC1 – 2.0
V
Common-mode input voltage range 2
VICM2
When single-sided input bias is used (Hall IC application)
0
VCC1
V
Hall input sensitivity
50
mVp-p
Hysteresis
∆VIN(HA)
20
30
50
mV
Input voltage low––>high
VSLH(HA)
5
15
25
mV
Input voltage high––>low
VSHL(HA)
–25
–15
–5
mV
Parameter
Symbol
Conditions
Ratings
Unit
Maximum output current
IO max
The UL, VL, WL, UH, VH, and WH pins
40
mA
Maximum RF pin applied voltage
VRF max
4
V
Maximum LVS pin applied voltage
VLVS max
20
V
Maximum TOC pin applied voltage
VTOC max
VCC2
V
Maximum VCTL pin applied voltage
VCTL max
14.5
V
Allowable power dissipation
Pd max
Independent IC
0.9
W
Operating temperature
Topr
–20 to +100
°C
Storage temperature
Tstg
–55 to +150
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1-1
VCC1-1
VCC1
8 to 13.5
V
Supply voltage range 1-2
VCC1-2
VCC1, with VCC1 and VREG shorted together
4.5 to 5.5
V
Supply voltage range 2
VCC2
VCC2
4.5 to VCC1
V
Supply voltage range 3
VCC3
VCC3
13.5 to 19
V
Output current
IO
The UL, VL, WL, UH, VH, and WH pins
30
mA
12 V regulator voltage output current
I12REG
–50
mA
5 V regulator voltage output current
IREG
–20
mA
HP pin applied voltage
VHP
0 to 13.5
V
HP pin output current
IHP
0 to 10
mA
Allowable Operating Ranges at Ta = 25°C
Electrical Characteristics at Ta = 25°C, VCC1 = 12 V, VCC2 = VREG
* : These are design target values and are not tested.
Continued on next page.
Continued from preceding page.
Continued on next page.


Similar Part No. - LB11820

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LB11824 SANYO-LB11824 Datasheet
178Kb / 17P
   Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
LB11824M SANYO-LB11824M Datasheet
178Kb / 17P
   Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
LB11825M SANYO-LB11825M Datasheet
250Kb / 8P
   LB11825M
More results

Similar Description - LB11820

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67B001FTG TOSHIBA-TB67B001FTG Datasheet
997Kb / 37P
   Sensorless PWM Driver for 3-Phase Brushless Motors
2022-07-22 Rev.8.0
TC78B027FTG TOSHIBA-TC78B027FTG Datasheet
1Mb / 45P
   1-Hall sine-wave PWM pre-driver for 3-phase brushless DC motors
2019-09-27
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11824M SANYO-LB11824M Datasheet
178Kb / 17P
   Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
LB1670M SANYO-LB1670M Datasheet
129Kb / 5P
   Driver for Brushless, Sensorless Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com